Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3312 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # REF3312
Description  0.9-V to 6.5-V, Nanopower Comparator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3312 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF3312 Datasheet HTML 9Page - Texas Instruments REF3312 Datasheet HTML 10Page - Texas Instruments REF3312 Datasheet HTML 11Page - Texas Instruments REF3312 Datasheet HTML 12Page - Texas Instruments REF3312 Datasheet HTML 13Page - Texas Instruments REF3312 Datasheet HTML 14Page - Texas Instruments REF3312 Datasheet HTML 15Page - Texas Instruments REF3312 Datasheet HTML 16Page - Texas Instruments REF3312 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
VIN
OUT
+
_
VCC
TLV3691
GND
REF3312
VCC
GND
TLV3691
www.ti.com
SBOS694 – DECEMBER 2013
CAPACITIVE LOADS
Under reasonable capacitive loads, the device maintains specified propagation delay (see the Typical
Characteristics). However, excessive capacitive loading under high switching frequencies may increase supply
current, propagation delay, or induce decreased slew rate.
CIRCUIT LAYOUT
Comparators are very sensitive to input noise. For best results, the following layout guidelines should be
maintained:
1. Use a printed circuit board (PCB) with a good, unbroken, low-inductance ground plane. Proper grounding
(use of a ground plane) helps maintain specified device performance.
2. To minimize supply noise, place a decoupling capacitor (0.1-
μF ceramic, surface-mount capacitor) as close
as possible to VCC.
3. On the inputs and the output, keep lead lengths as short as possible to avoid unwanted parasitic feedback
around the comparator. Keep inputs away from the output.
4. Solder the device directly to the PCB rather than using a socket.
5. For slow-moving input signals, take care to prevent parasitic feedback. A small capacitor (1000 pF or less)
placed between the inputs can help eliminate oscillations in the transition region. This capacitor causes some
degradation to propagation delay when impedance is low. The topside ground plane runs between the output
and inputs.
6. The ground pin ground trace runs under the device up to the bypass capacitor, shielding the inputs from the
outputs.
SETTING THE REFERENCE VOLTAGE
Using a stable reference when setting the transition point for the device is important. The REF3312, as shown in
Figure 31, provides a 1.25-V reference voltage with low drift and only 3.9
μA of quiescent current.
Figure 31. Reference Voltage for the TLV3691
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TLV3691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com