Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS272ACD Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS272ACD
Description  HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS272ACD Datasheet(HTML) 1 Page - STMicroelectronics

  TS272ACD Datasheet HTML 1Page - STMicroelectronics TS272ACD Datasheet HTML 2Page - STMicroelectronics TS272ACD Datasheet HTML 3Page - STMicroelectronics TS272ACD Datasheet HTML 4Page - STMicroelectronics TS272ACD Datasheet HTML 5Page - STMicroelectronics TS272ACD Datasheet HTML 6Page - STMicroelectronics TS272ACD Datasheet HTML 7Page - STMicroelectronics TS272ACD Datasheet HTML 8Page - STMicroelectronics TS272ACD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
s OUTPUT VOLTAGE CAN SWING TO
GROUND
s EXCELLENT PHASE MARGIN ON
CAPACITIVE LOADS
s GAIN BANDWIDTH PRODUCT: 3.5MHz
s STABLE AND LOW OFFSET VOLTAGE
s THREE INPUT OFFSET VOLTAGE
SELECTIONS
DESCRIPTION
The TS272 devices are low cost, dual operational
amplifiers designed to operate with single or dual
supplies. These operational amplifiers use the ST
silicon gate CMOS process allowing an excellent
consumption-speed ratio. These series are ideally
suited for low consumption applications.
Three power consumptions are available allowing
to have always the best consumption-speed ratio:
u I
CC = 10µA/amp.: TS27L2 (very low power)
u I
CC = 150µA/amp.: TS27M2 (low power)
u I
CC = 1mA/amp.: TS272 (standard)
These CMOS amplifiers offer very high input im-
pedance and extremely low input currents. The
major advantage versus JFET devices is the very
low input currents drift with temperature (see fig-
ure 2).
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
P = Thin Shrink Small Outline Package (TSSOP) - only available
in Tape & Reel (PT)
PIN CONNECTIONS (top view)
Part Number
Temperature Range
Package
ND
P
TS272C/AC/BC
0°C, +70°C
•••
TS272I/AI/BI
-40°C, +125°C
•••
TS272M/AM/BM
-55°C, +125°C
•••
Example : TS272ACN
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
P
TSSOP8
(Thin Shrink Small Outline Package)
1
2
3
45
6
7
8
CC
+
-
-
+
-
+
CC
1 - Output 1
2 - Inverting Input 1
3 - Non-inverting Input 1
4 - V
5 - Non-inverting Input 2
6 - Inverting Input 2
7 - Output 2
8 - V
TS272C,I,M
HIGH PERFORMANCE
CMOS DUAL OPERATIONAL AMPLIFIERS
November 2001


Similar Part No. - TS272ACD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS272AC STMICROELECTRONICS-TS272AC Datasheet
216Kb / 9P
HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
More results

Similar Description - TS272ACD

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
High-Performance Dual Operational Amplifiers
LA6458D SANYO-LA6458D Datasheet
160Kb / 4P
High-Performance Dual Operational Amplifiers
logo
National Semiconductor ...
LH2101A NSC-LH2101A Datasheet
85Kb / 3P
DUAL HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
MC1458 STMICROELECTRONICS-MC1458 Datasheet
136Kb / 6P
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
Dec-2001
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
High-Performance Dual Operational Amplifiers
LA6358N SANYO-LA6358N_12 Datasheet
92Kb / 7P
High-Performance Dual Operational Amplifiers
logo
STMicroelectronics
TS272IDT STMICROELECTRONICS-TS272IDT Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
MC1458ID STMICROELECTRONICS-MC1458ID Datasheet
142Kb / 6P
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
Dec-2001
TS272AID STMICROELECTRONICS-TS272AID Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS272AIN STMICROELECTRONICS-TS272AIN Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com