Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV912AH Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSV912AH
Description  High temperature rail-to-rail input/output 8 MHz operational amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV912AH Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSV912AH Datasheet HTML 7Page - STMicroelectronics TSV912AH Datasheet HTML 8Page - STMicroelectronics TSV912AH Datasheet HTML 9Page - STMicroelectronics TSV912AH Datasheet HTML 10Page - STMicroelectronics TSV912AH Datasheet HTML 11Page - STMicroelectronics TSV912AH Datasheet HTML 12Page - STMicroelectronics TSV912AH Datasheet HTML 13Page - STMicroelectronics TSV912AH Datasheet HTML 14Page - STMicroelectronics TSV912AH Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TSV912H, TSV912AH
Application information
Doc ID 17688 Rev 1
11/16
3
Application information
3.1
Driving resistive and capacitive loads
These products are low-voltage, low-power operational amplifiers optimized to drive rather
large resistive loads above 2 k
Ω.
In a follower configuration, these operational amplifiers can drive capacitive loads up to
100 pF with no oscillations. When driving larger capacitive loads, adding a small in-series
resistor at the output can improve the stability of the devices (see Figure 18 for
recommended in-series resistor values). Once the in-series resistor value has been
selected, the stability of the circuit should be tested on bench and simulated with the
simulation model.
Figure 18.
In-series resistor vs. capacitive load
3.2
PCB layouts
For correct operation, it is advised to add 10 nF decoupling capacitors as close as possible
to the power supply pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com