Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV912AH Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSV912AH
Description  High temperature rail-to-rail input/output 8 MHz operational amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV912AH Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSV912AH Datasheet HTML 8Page - STMicroelectronics TSV912AH Datasheet HTML 9Page - STMicroelectronics TSV912AH Datasheet HTML 10Page - STMicroelectronics TSV912AH Datasheet HTML 11Page - STMicroelectronics TSV912AH Datasheet HTML 12Page - STMicroelectronics TSV912AH Datasheet HTML 13Page - STMicroelectronics TSV912AH Datasheet HTML 14Page - STMicroelectronics TSV912AH Datasheet HTML 15Page - STMicroelectronics TSV912AH Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Ordering information
TSV912H, TSV912AH
14/16
Doc ID 17688 Rev 1
5
Ordering information
Table 7.
Order codes
Order code
Temperature
range
Package
Packing
Marking
TSV912HYDT(1)
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent.
-40°C to +150°C
SO-8(2)
(automotive grade level)
2.
SO8 package is Moisture Sensitivity Level 1 as per Jedec J-STD-020-C.
Tape & reel
V912HY
TSV912AHYDT(1)
V912AHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com