Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6370Q Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6370Q
Description  2.5 A single high-side smart power switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370Q Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6370Q Datasheet HTML 7Page - STMicroelectronics L6370Q Datasheet HTML 8Page - STMicroelectronics L6370Q Datasheet HTML 9Page - STMicroelectronics L6370Q Datasheet HTML 10Page - STMicroelectronics L6370Q Datasheet HTML 11Page - STMicroelectronics L6370Q Datasheet HTML 12Page - STMicroelectronics L6370Q Datasheet HTML 13Page - STMicroelectronics L6370Q Datasheet HTML 14Page - STMicroelectronics L6370Q Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DocID022313 Rev 2
11/17
L6370Q
Circuit description
17
3.1
Diagnostic truth table
3.2
Input section
The input section is a high impedance differential stage with high common and differential
mode range. Built-in offset of +1.4 V (typical value) and a hysteresis of 400 mV (maximum
value) assure high noise immunity.
3.3
Diagnostic logic
The operating conditions of the device are permanently monitored and the following
occurrences are indicated by DIAG1/DIAG2 open drain output pins:
•
Short-circuit versus ground. A current limit circuit fixes Isc = 3.2 A (typical value) the
maximum current that can be sourced from the OUTPUT pin (for more details see
Section 3.4: Short-circuit operation)
•
Short-circuit versus Vs
•
Undervoltage (UV)
•
Overtemperature (OVT)
•
Open load, if the output current is less than 3 mA (typical value)
•
Output DMOS open according to Table 7
Table 7. Diagnostic truth table
Diagnostic conditions
Input
Output
Diag1
Diag2
Normal operation
L
H
L
H
H
H
H
H
Open load condition (Io< Iold)
L
H
L
H
H
L
H
H
Short to Vs
L
H
H
H
L
L
H
H
Short-circuit to ground (IO = ISC)
(1)
(ON-DELAY pin grounded)
1.
A cold lamp filament, or a capacitive load may activate the current limiting circuit of the IPS, when the IPS
is initially turned on.
H
L
X
L
H
H
H
H
Output DMOS open
L
H
L
L
H
L
H
H
Overtemperature
L
H
L
L
H
H
L
L
Supply undervoltage (Vs< Vsth2)
L
H
L
L
L
L
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com