Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6370Q Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6370Q
Description  2.5 A single high-side smart power switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370Q Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6370Q Datasheet HTML 8Page - STMicroelectronics L6370Q Datasheet HTML 9Page - STMicroelectronics L6370Q Datasheet HTML 10Page - STMicroelectronics L6370Q Datasheet HTML 11Page - STMicroelectronics L6370Q Datasheet HTML 12Page - STMicroelectronics L6370Q Datasheet HTML 13Page - STMicroelectronics L6370Q Datasheet HTML 14Page - STMicroelectronics L6370Q Datasheet HTML 15Page - STMicroelectronics L6370Q Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Circuit description
L6370Q
12/17
DocID022313 Rev 2
3.4
Short-circuit operation
In order to minimize the power dissipation when the output is shorted-to-ground, an
innovative, non-dissipative short-circuit protection (patent pending) is implemented,
avoiding the thermal protection.
Whenever the output is shorted-to-ground, or, an overcurrent is sinked by the load, the
output devices are driven to linear mode, sourcing the Isc current (3.2 A typ.) for a time
interval (tON) defined by the external CON capacitor connected between the ON-DELAY pin
and GND. If the short-circuit increases within the tON interval the DIAG2 output status is not
affected, acting as a programmable diagnostic delay.
This function allows the device to drive a capacitive load or a filament lamp (that exhibits a
very low resistance during the initial heading phase) without the diagnostic. If the short-
circuit lasts for the whole tON interval, the output DMOS is switched off and the DIAG2 goes
low, for a time interval tOFF lasting tON 64 times.
At the end of the tOFF interval if the short-circuit condition is still present, the output DMOS is
turned on (and the DIAG2 goes high - see Figure 7) for another tON interval and the
sequence starts again, otherwise, the normal condition operation is resumed.
The tON interval can be set to last between 64 ms and 2.56 ms for a CON capacitor value
ranging between 50 pF and 2 nF:
Equation 1
tON (μs) = 1.28 CON (pF)
If the ON-DELAY pin is grounded, the non-dissipative short-circuit protection is disabled and
the Isc current is delivered until the overtemperature protection shuts the device off. The
behavior of the DIAG2 output is, in this situation, showed in Table 7.
3.5
Overtemperature protection (OVT)
If the chip temperature exceeds
Θlim (measured in a central position in the chip) the chip
deactivates itself.
The following actions are taken:
•
the output stage is switched off
•
the signal DIAG2 is activated (active low)
Normal operation is resumed as soon as (after some seconds) the chip temperature
monitored goes back below
Θlim-Θth.
The different thresholds with hysteretic behavior assure that any intermittent condition can
be generated.
3.6
Undervoltage protection (UV)
The supply voltage is expected to range from 9.5 V to 35 V, even if its reference value is 24
V.
In this range, the device operates correctly. Below 9.5 V the overall system is not reliable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com