Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH0135 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RH0135
Description  HYPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0135 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RH0135 Datasheet HTML 1Page - Solid States Devices, Inc RH0135 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRELIMINARY
Electrical Characteristics
SYMBOL
UNITS
MIN
Reverse Leakage Current
(VR = 80% Rated, 300
:s pulse minimum )
BVR
Vdc
-
-
-
100
10
:A
mA
IR1
IR2
Breakdown Voltage
(IR = 1mA, TA = 25oC)
Instantaneous Forward Voltage Drop
( TA = 25oC, 300
:sec Pulse)
1.20
1.45
Vdc
VF1
VF2
Reverse Recovery Time
(IF = 500mA, IR = 1.0A, IRR = 250mA, TA = 25oC)
tRR
35
nsec
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
SOLID STATE DEVICES, INC.
CASE OUTLINE: TO-3
SDR953/3
thru
SDR955/3
MAX
300
400
500
-
-
-
-
-
IF = 25A
IF = 50A
Instantaneous Forward Voltage Drop
( IF = 25A, 300
:sec Pulse)
1.10
1.30
Vdc
VF3
VF4
-
-
TA = 100oC
TA = -55oC
TA = 25oC
TA = 100oC
SDR953/3
SDR954/3
SDR955/3
Junction Capacitance
(VR = 10 Vdc, TA = 25oC, f = 1MHz)
CJ
250
pF
-
CASE: CATHODE
PIN 1: ANODE
PIN 2: ANODE
0
20
40
60
80
100
0
25
50
75
100 125 150 175 200
TYPICAL OPERATING CURVES
TA= 25
oC Unless otherwise specified
125oC
CASE TEMPERATURE (oC)
0.01
0.1
1
10
100
0.3
0.5
0.7
0.9
1.1
1.3
FORWARD VOLTAGE
(Volts)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com