Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH0135 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RH0135
Description  HYPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0135 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RH0135 Datasheet HTML 1Page - Solid States Devices, Inc RH0135 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
Designer's Data Sheet
SOLID STATE DEVICES, INC.
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
FEATURES:
TO-3
50 AMPS
300 - 500 VOLTS
35 nsec
HYPER FAST RECTIFIER
SDR953/3
thru
SDR955/3
• Hyper Fast Recovery: 35 nsec Maximum
• High Surge Rating
• Low Reverse Leakage Current
• Low Junction Capacitance
• Hermetically Sealed Package
• Gold Eutectic Die Attach Available
• Ultrasonic Aluminum Wire Bonds
• TX and TXV Level Screening Available
1.30
Maximum Ratings
SYMBOL
UNITS
VALUE
50
Amps
Io
Average Rectified Forward Current
(Resistive load, 60Hz, Sine Wave, TA = 25oC)
800
Amps
IFSM
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25oC)
Maximum Thermal Resistance
Junction to Case
1.0
oC/W
R2JC
oC
-65 TO +200
TOP & Tstg
Operating and Storage Temperature
300
400
500
Volts
VRRM
VRWM
VR
Peak Repetitive Reverse and
DC Blocking Voltage
SDR953/3
SDR954/3
SDR955/3
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET # : RH0135B


Similar Part No. - RH0135

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0135 SSDI-RH0135_15 Datasheet
49Kb / 2P
HYPER FAST RECTIFIER
More results

Similar Description - RH0135

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHF1100SM SSDI-SHF1100SM_1 Datasheet
74Kb / 2P
HYPER FAST RECTIFIER
SHF1402 SSDI-SHF1402_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SPD502 SSDI-SPD502_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SRL2040 SSDI-SRL2040 Datasheet
98Kb / 2P
HYPER FAST RECTIFIER
RC0093 SSDI-RC0093_15 Datasheet
171Kb / 2P
Hyper Fast Rectifier
RC0097B SSDI-RC0097B_15 Datasheet
175Kb / 2P
Hyper Fast Rectifier
RC0157A SSDI-RC0157A_15 Datasheet
117Kb / 2P
Hyper Fast Rectifier
RH0027C SSDI-RH0027C_15 Datasheet
135Kb / 2P
HYPER FAST RECTIFIER
RH0101D SSDI-RH0101D_15 Datasheet
102Kb / 2P
Hyper Fast Rectifier
RH0127 SSDI-RH0127_15 Datasheet
195Kb / 2P
HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com