Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5021 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5021
Description  LM5021 AC-DC Current Mode PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5021 Datasheet(HTML) 1 Page - Texas Instruments

  LM5021 Datasheet HTML 1Page - Texas Instruments LM5021 Datasheet HTML 2Page - Texas Instruments LM5021 Datasheet HTML 3Page - Texas Instruments LM5021 Datasheet HTML 4Page - Texas Instruments LM5021 Datasheet HTML 5Page - Texas Instruments LM5021 Datasheet HTML 6Page - Texas Instruments LM5021 Datasheet HTML 7Page - Texas Instruments LM5021 Datasheet HTML 8Page - Texas Instruments LM5021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
VOUT
VIN
CS
SS
OUT
FEEDBACK
WITH
ISOLATION
COMP
GND
RT
VCC
LM5021
90 ~ 264 Vac
+
+
AC
LM5021
www.ti.com
SNVS359D – MAY 2005 – REVISED MARCH 2013
LM5021 AC-DC Current Mode PWM Controller
Check for Samples: LM5021
1
FEATURES
DESCRIPTION
The LM5021 off-line pulse width modulation (PWM)
2
•
Ultra Low Start-up Current (25 µA maximum)
controller contains all of the features needed to
•
Current Mode Control
implement
highly
efficient
off-line
single-ended
•
Skip Cycle Mode for Low Standby Power
flyback and forward power converters using current-
mode control. The LM5021 features include an ultra-
•
Single Resistor Programmable Oscillator
low (25 µA) start-up current, which minimizes power
•
Synchronizable Oscillator
losses in the high voltage start-up network. A skip
•
Adjustable Soft-Start
cycle mode reduces power consumption with light
loads for energy conserving applications (ENERGY
•
Integrated 0.7A Peak Gate Driver
STAR®, CECP, etc.). Additional features include
•
Direct Opto-Coupler Interface
under-voltage lockout, cycle-by-cycle current limit,
•
Maximum Duty Cycle Limiting (80% for
hiccup
mode
overload
protection,
slope
com-
LM5021-1 or 50% for LM5021-2)
pensation, soft-start and oscillator synchronization
capability. This high performance 8-pin IC has total
•
Slope Compensation for (LM5021-1 Only)
propagation delays less than 100nS and a 1MHz
•
Under Voltage Lockout (UVLO) with Hysteresis
capable oscillator that is programmed with a single
•
Cycle-by-Cycle Over-Current Protection
resistor.
•
Hiccup Mode for Continuous Overload
WHITE SPACE
Protection
•
Leading Edge Blanking of Current Sense
Signal
•
Packages: VSSOP-8 or PDIP-8
Simplified Application Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5021 NSC-LM5021 Datasheet
746Kb / 15P
AC-DC Current Mode PWM Controller
logo
Texas Instruments
LM5021 TI1-LM5021 Datasheet
1Mb / 23P
LM5021 AC-DC Current Mode PWM Controller
LM5021 TI-LM5021 Datasheet
1Mb / 23P
LM5021 AC-DC Current Mode PWM Controller
LM5021 TI-LM5021 Datasheet
1Mb / 23P
LM5021 AC-DC Current Mode PWM Controller
LM5021-1QDGKRQ1 TI-LM5021-1QDGKRQ1 Datasheet
4Mb / 34P
LM5021-Q1 AC-DC Current-Mode PWM Controller
More results

Similar Description - LM5021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5021 NSC-LM5021 Datasheet
746Kb / 15P
AC-DC Current Mode PWM Controller
logo
Leshan Radio Company
LR2257 LRC-LR2257 Datasheet
408Kb / 8P
AC/DC Current Mode PWM power management controller
logo
Texas Instruments
LM5023 TI-LM5023 Datasheet
2Mb / 30P
AC-DC Quasi-Resonant Current Mode PWM Controller
LM5021MMX-2 TI1-LM5021MMX-2 Datasheet
1Mb / 23P
LM5021 AC-DC Current Mode PWM Controller
LM5021MM-1 TI-LM5021MM-1 Datasheet
1Mb / 23P
LM5021 AC-DC Current Mode PWM Controller
LM5021MM-2 TI-LM5021MM-2 Datasheet
1Mb / 23P
LM5021 AC-DC Current Mode PWM Controller
LM5021MM-1 TI1-LM5021MM-1 Datasheet
1Mb / 23P
LM5021 AC-DC Current Mode PWM Controller
LM5021-Q1 TI-LM5021-Q1_15 Datasheet
4Mb / 34P
LM5021-Q1 AC-DC Current-Mode PWM Controller
LM5023 TI-LM5023_15 Datasheet
2Mb / 33P
AC-DC Quasi-Resonant Current Mode PWM Controller
LM5023 TI1-LM5023_16 Datasheet
1Mb / 38P
AC-DC Quasi-Resonant Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com