Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5021 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5021
Description  LM5021 AC-DC Current Mode PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5021 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5021 Datasheet HTML 7Page - Texas Instruments LM5021 Datasheet HTML 8Page - Texas Instruments LM5021 Datasheet HTML 9Page - Texas Instruments LM5021 Datasheet HTML 10Page - Texas Instruments LM5021 Datasheet HTML 11Page - Texas Instruments LM5021 Datasheet HTML 12Page - Texas Instruments LM5021 Datasheet HTML 13Page - Texas Instruments LM5021 Datasheet HTML 14Page - Texas Instruments LM5021 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Toverload =
CSS x (VSS_OCV - VHC)
IOVCS
=
CSS x 0.6V
10 PA
Toff =
CSS x (VHC - VRST)
IDTCS
=
CSS x (4.6V - 0.3V)
0.25 PA
LM5021
www.ti.com
SNVS359D – MAY 2005 – REVISED MARCH 2013
Figure 10, Figure 11, and Figure 12 illustrate the equivalent circuit of the hiccup mode for LM5021 and the
relevant waveforms. During start-up and in normal operation, the external soft-start capacitor Css is pulled up by
a current source that delivers 22 µA to the SS pin capacitor. In normal operation, the soft-start capacitor
continues to charge and eventually reaches the saturation voltage of the current source (VSS_OCV, nominally
5.2V). During start-up the COMP pin voltage follows the SS capacitor voltage and gradually increases the peak
current delivered by the power supply. When the output of the switching power supply reaches the desired
voltage, the voltage feedback amplifier takes control of the COMP signal (via the opto-coupler). In normal
operation the COMP level is held at an intermediate voltage between 1.25V and 2.75V controlled by the voltage
regulation loop. When the COMP pin voltage is below 1.25V, the duty-cycle is zero. When the COMP level is
above 2.75V, the duty cycle will be limited by the 0.5V threshold of cycle-by-cycle current limit comparator.
If the output of the power supply is overloaded, the voltage regulation loop demands more current by increasing
the COMP pin control voltage. When the COMP pin exceeds the over voltage detection threshold (VOVLD,
nominally 4.6V), the SS capacitor Css will be discharged by a 10 µA overload detection timer current source,
IOVCS. If COMP remains above VOVLD long enough for the SS capacitor to discharge to the Hiccup mode
threshold (VHIC, nominally 4.6V), the controller enters the hiccup mode. The OUT pin is then latched low and the
SS capacitor discharge current source is reduced from 10 µA to 0.25 µA, the dead-time current source, IDTCS.
The SS pin voltage is slowly reduced until it reaches the Restart threshold (VRST, nominally 0.3V). Then a new
start-up sequence commences with 22 µA current source charging the capacitor CSS. The slow discharge of the
SS capacitor from the Hiccup threshold to the Restart threshold provides an extended off time that reduces the
overheating of components including diodes and MOSFETs due to the continuous overload. The off time during
the hiccup mode can be calculated from the following equation:
(8)
Example:
Toff = 808 ms, assuming the CSS capacitor value is 0.047 µF
Short duration intermittent overloads will not trigger the hiccup mode. The overload duration required to trigger
the hiccup response is set by the capacitor CSS, the 10 µA discharge current source and voltage difference
between the saturation level of the SS pin and the Hiccup mode threshold. Figure 12 shows the waveform of SS
pin with a short duration overload condition. The overload time required to enter the hiccup mode can be
calculated from the following equation:
(9)
Example:
Toverload = 2.82 ms, assuming the CSS capacitor value is 0.047 µF
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com