Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5A2053 Datasheet(PDF) 11 Page - Texas Instruments

Part # TS5A2053
Description  SINGLE-CHANNEL 10-R SPDT ANALOG SWITCH WITH ENABLE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A2053 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS5A2053_14 Datasheet HTML 7Page - Texas Instruments TS5A2053_14 Datasheet HTML 8Page - Texas Instruments TS5A2053_14 Datasheet HTML 9Page - Texas Instruments TS5A2053_14 Datasheet HTML 10Page - Texas Instruments TS5A2053_14 Datasheet HTML 11Page - Texas Instruments TS5A2053_14 Datasheet HTML 12Page - Texas Instruments TS5A2053_14 Datasheet HTML 13Page - Texas Instruments TS5A2053_14 Datasheet HTML 14Page - Texas Instruments TS5A2053_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TS5A2053
SINGLECHANNEL 10 W SPDT ANALOG SWITCH
WITH ENABLE
SCDS183A – JANUARY 2005 – REVISED APRIL 2006
www.ti.com
11
TYPICAL PERFORMANCE
Figure 1
0
10
20
30
40
50
60
70
80
90
100
VCOM (V)
TA = 25°C
Figure 1A. ron vs VCOM (V+ = 1.65 V)
NO > COM
NC > COM
0
0.5
1
1.5
0.25
0.75
1.25
1.75
0
5
10
15
20
25
Figure 1B. ron vs VCOM (V+ = 2.3 V)
VCOM (V)
TA = 25°C
NO > COM
NC > COM
0
0.6
1.2
2.1
0.3
0.9
1.8
2.4
1.5
0
2
4
6
8
10
12
14
VCOM (V)
TA = 25°C
Figure 1C. ron vs VCOM (V+ = 3 V)
NO > COM
NC > COM
01
3
0.5
1.5
2.5
2
0
1
2
3
4
5
6
7
8
9
10
Figure 1D. ron vs VCOM (V+ = 4.5 V)
VCOM (V)
TA = 25°C
NO > COM
NC > COM
NO > COM
NC > COM
0
1
2.5
4
0.5
2
3.5
3
4.5
1.5
0
2
4
6
8
10
12
14
16
18
VCOM (V)
Figure 2. ron vs VCOM (V+ = 3 V)
TA = −40°C
TA = 25°C
TA = 85°C
NO > COM
NC > COM
01
3
0.5
1.5
2.5
2
0
2
4
6
8
10
12
Figure 3. ron vs VCOM (V+ = 4.5 V)
VCOM (V)
TA = −40°C
TA = 25°C
TA = 85°C
NO > COM
NC > COM
01
3
0.5
1.5
2.5
2
3.5
4
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com