Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5A2053 Datasheet(PDF) 15 Page - Texas Instruments

Part # TS5A2053
Description  SINGLE-CHANNEL 10-R SPDT ANALOG SWITCH WITH ENABLE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A2053 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TS5A2053_14 Datasheet HTML 11Page - Texas Instruments TS5A2053_14 Datasheet HTML 12Page - Texas Instruments TS5A2053_14 Datasheet HTML 13Page - Texas Instruments TS5A2053_14 Datasheet HTML 14Page - Texas Instruments TS5A2053_14 Datasheet HTML 15Page - Texas Instruments TS5A2053_14 Datasheet HTML 16Page - Texas Instruments TS5A2053_14 Datasheet HTML 17Page - Texas Instruments TS5A2053_14 Datasheet HTML 18Page - Texas Instruments TS5A2053_14 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
TS5A2053
SINGLECHANNEL 10 W SPDT ANALOG SWITCH
WITH ENABLE
SCDS183A – JANUARY 2005 – REVISED APRIL 2006
www.ti.com
15
PARAMETER DESCRIPTION (continued)
SYMBOL
DESCRIPTION
CNC(OFF)
Capacitance at the NC port when the corresponding channel (NC to COM) is OFF
CNO(OFF)
Capacitance at the NO port when the corresponding channel (NO to COM) is OFF
CNC(ON)
Capacitance at the NC port when the corresponding channel (NC to COM) is ON
CNO(ON)
Capacitance at the NO port when the corresponding channel (NO to COM) is ON
CCOM(OFF)
Capacitance at the COM port when the corresponding channel (COM to NC or COM to NO) is OFF
CCOM(ON)
Capacitance at the COM port when the corresponding channel (COM to NC or COM to NO) is ON
CI
Capacitance of control input (IN, EN)
OISO
OFF isolation of the switch is a measurement of OFF-state switch impedance. This is measured in dB in a specific frequency,
with the corresponding channel (NC to COM or NO to COM) in the OFF state.
XTALK
Crosstalk is a measurement of unwanted signal coupling from an ON channel to an OFF channel (NC to NO or NO to NC). This
is measured in a specific frequency and in dB.
BW
Bandwidth of the switch. This is the frequency where the gain of an ON channel is −3 dB below the DC gain.
THD
Total harmonic distortion describes the signal distortion caused by the analog switch. This is defined as the ratio of root mean
square (RMS) value of the second, third, and higher harmonic to the absolute magnitude of fundamental harmonic.
I+
Static power-supply current with the control (IN, EN) pin at V+ or GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com