Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5807 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 35Page - Texas Instruments AFE5807 Datasheet HTML 36Page - Texas Instruments AFE5807 Datasheet HTML 37Page - Texas Instruments AFE5807 Datasheet HTML 38Page - Texas Instruments AFE5807 Datasheet HTML 39Page - Texas Instruments AFE5807 Datasheet HTML 40Page - Texas Instruments AFE5807 Datasheet HTML 41Page - Texas Instruments AFE5807 Datasheet HTML 42Page - Texas Instruments AFE5807 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
1
λ
16
AFE5807
www.ti.com
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
Programmable Gain for CW Summing Amplifier
Different gain can be configured for the CW summing amplifier through the register 54[4:0]. By enabling and
disabling the feedback resistors between the summing amplifier inputs and outputs, the gain is adjustable
accordingly to maximize the dynamic range of CW path. Table 7 describes the relationship between the summing
amplifier gain and 54[4:0] settings.
Table 7. Register 54[4:0] Description
54[4:0]/0x36[4:0]
FUNCTION
00000
No feedback resistor
00001
Enables 250
Ω feedback resistor
00010
Enables 250
Ω feedback resistor
00100
Enables 500
Ω feedback resistor
01000
Enables 1000
Ω feedback resistor
10000
Enables 2000
Ω feedback resistor
Table 8. Register 54[4:0] vs Summing Amplifier Gain
54[4:0]/0x36[4:0]
00000
00001
00010
00011
00100
00101
00110
00111
CW I/V Gain
N/A
0.50
0.50
0.25
1.00
0.33
0.33
0.20
54[4:0]/0x36[4:0]
01000
01001
01010
01011
01100
01101
01110
01111
CW I/V Gain
2.00
0.40
0.40
0.22
0.67
0.29
0.29
0.18
54[4:0]/0x36[4:0]
10000
10001
10010
10011
10100
10101
10110
10111
CW I/V Gain
4.00
0.44
0.44
0.24
0.80
0.31
0.31
0.19
54[4:0]/0x36[4:0]
11000
11001
11010
11011
11100
11101
11110
11111
CW I/V Gain
1.33
0.36
0.36
0.21
0.57
0.27
0.27
0.17
Programmable Phase Delay for CW Mixer
Accurate CW beamforming is achieved through adjusting the phase delay of each channel. In the AFE5807, 16
different phase delays can be applied to each LNA output; and it meets the standard requirement of typical
ultrasound beamformer, i.e.
beamformer resolution. Table 7 describes the relationship between the phase
delays and the register 55 and 56 settings.
Table 9. CW Mixer Phase Delay vs Register Settings
CH1 - 55[3:0], CH2 - 55[7:4], CH3 - 55[11:8], CH4 - 55[15:12],
CH5- 56[3:0], CH6 - 56[7:4], CH7 - 56[11:8], CH8 - 56[15:12],
CHX_CW_MIXER_PHASE
0000
0001
0010
0011
0100
0101
0110
0111
PHASE SHIFT
0
22.5°
45°
67.5°
90°
112.5°
135°
157.5°
CHX_CW_MIXER_PHASE
1000
1001
1010
1011
1100
1101
1110
1111
PHASE SHIFT
180°
202.5°
225°
247.5°
270°
292.5°
315°
337.5°
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com