Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5807 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 9Page - Texas Instruments AFE5807 Datasheet HTML 10Page - Texas Instruments AFE5807 Datasheet HTML 11Page - Texas Instruments AFE5807 Datasheet HTML 12Page - Texas Instruments AFE5807 Datasheet HTML 13Page - Texas Instruments AFE5807 Datasheet HTML 14Page - Texas Instruments AFE5807 Datasheet HTML 15Page - Texas Instruments AFE5807 Datasheet HTML 16Page - Texas Instruments AFE5807 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
0
50
100
150
200
250
300
350
400
450
500
500k
4.5M
8.5M
12.5M
16.5M
20.5M
Impedance Magnitude Response
Frequency (Hz)
50 Ohms
100 Ohms
200 Ohms
400 Ohms
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
500k
4.5M
8.5M
12.5M
16.5M
20.5M
Impedance Phase Response
Frequency (Hz)
50 Ohms
100 Ohms
200 Ohms
400 Ohms
2000
4000
6000
8000
10000
12000
500k
4.5M
8.5M
12.5M
16.5M
20.5M
Impedance Magnitude Response
Frequency (Hz)
Open
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
500k
4.5M
8.5M
12.5M
16.5M
20.5M
Impedance Phase Response
Frequency (Hz)
Open
Gain Error (dB))
0
20
40
60
80
100
120
140
160
180
Gain Error (dB))
0
20
40
60
80
100
120
140
160
AFE5807
www.ti.com
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
TYPICAL CHARACTERISTICS (continued)
Figure 6. Gain Matching Histogram, VCNTL = 0.9V
Figure 7. Output Offset Histogram, VCNTL = 0V
(936 Channels)
(936 Channels)
Figure 8. Input Impedance without Active Termination
Figure 9. Input Impedance without Active Termination
(Magnitude)
(Phase)
Figure 10. Input Impedance with Active Termination
Figure 11. Input Impedance with Active Termination (Phase)
(Magnitude)
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com