Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 1 Page - General Semiconductor

Part # AS3524
Description  PASSIVATED ANISOTROPIC RECTIFIER TECHNOLOGY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

AS3524 Datasheet(HTML) 1 Page - General Semiconductor

  AS3524 Datasheet HTML 1Page - General Semiconductor AS3524 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AVALANCHE ALTERNATOR RECTIFIER - AS3524 AND AS3528
PASSIVATED ANISOTROPIC RECTIFIER TECHNOLOGY
Mean Breakdown Voltage - 24 and 28 Volts
Peak Pulse Current - 65 Amperes
FEATURES
¨ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
¨ High temperature stability due to unique oxide
passivation
¨ Patented Passivated Anisotropic Rectifier
(PAR) construction
¨ Integrally molded heatsink provides
a very low thermal resistance
for maximum heat dissipation
¨ Low leakage current at TJ=175¡C
¨ Low forward voltage drop
¨ Ideally suited for alternator rectification and load dump
protection
¨ High temperature soldering guaranteed:
260¡C for 10 seconds at terminals
MECHANICAL DATA
Case: Molded plastic body, surface mount with heatsink
integrally mounted in the encapsulation
Terminals: Plated, solderable per MIL-STD-750,
Method 2026
Polarity: Unidirectional as marked
Mounting Position: Any
Weight: 0.095 ounces, 2.68 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25¡C ambient temperature unless otherwise specified.
SYMBOLS
AS3524
AS3528
UNITS
Maximum working peak stand-off voltage
VWM
18.0
20.0
Volts
Minimum reverse breakdown voltage at 100mA
V(BR)
20.0
24.0
Volts
Maximum reverse breakdown voltage at 100mA
V(BR)
28.0
32.0
Volts
Maximum clamping voltage for 10
ms/10ms exponentially
decaying waveform at IPP=60A
VC
38.0
40.0
Volts
Maximum average rectified forward current at TC=150¡C
I(AV)
35.0
Amps
Peak forward surge current, 8.3ms single half sine-wave
on rated load (JEDEC Method)
IFSM
600.0
Amps
Maximum instantaneous forward voltage at 100A (NOTE 1)
VF
1.00
Volts
Non-repetitive peak reverse surge current for 10
ms/10ms
exponentially decaying waveform
IRSM
65.0
Amps
Maximum reverse leakage current at rated VWM
TJ=25¡C
0.5
TJ=175¡C
IR
20.0
mA
Maximum thermal resistance junction to case (NOTE 2)
RQJC
0.95
¡C/W
Operating junction and storage temperature range
TJ, TSTG
-55 to +200
¡C
NOTES:
(1) Measured on a 300
ms square pulse width
(2) Mounted on alternator heat sink
NOTICE: Advanced product information is subject to change without notice
12/98
CASE STYLE ASC
0.953(24.2)
0.937(23.8)
0.224(5.7)
0.208(4.3)
0.205(5.2)
0.188(4.8)
0.185(4.7)
0.169(4.3)
0.110(2.8)
0.094(2.4)
0.366(9.3)
0.343(8.7)
0.406(10.3)
0.382(9.7)
0.390(9.9)
0.374(9.5)
0.024(5.2)
0.023(.59)
0.205(5.2)
0.188(4.8)
0.087(2.2)
0.071(1.8)
0.342(8.7)
0.327(8.3)
0.098
(2.5)
MIN.
0.539(13.7)
0.524(13.3)
LEAD 2/METAL HEATSINK
LEAD 1
0.413(10.5)
0.374(9.5)
0.197(5.0)
0.185(4.7)
0.028(0.7)
0.012(0.3)
PA
TENTED*
Dimensions in inches and (millimeters)
*Patent #Õs 4,980,315
5,166,769
5,278,094
For positive polarity use ÒPÓ.suffix, for negative polarity use ÒNÓ suffix
(Polarity refers to lead #1)
NEW PRODUCT
NEW PRODUCT
NEW PRODUCT


Similar Part No. - AS3524

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3524 AMSCO-AS3524 Datasheet
2Mb / 124P
Advanced Audio Processor System
AS3524A-ZC21A AMSCO-AS3524A-ZC21A Datasheet
2Mb / 124P
Advanced Audio Processor System
AS3524A-ZC21T AMSCO-AS3524A-ZC21T Datasheet
2Mb / 124P
Advanced Audio Processor System
AS3524A-ZC21TRA AMSCO-AS3524A-ZC21TRA Datasheet
2Mb / 124P
Advanced Audio Processor System
AS3524A-ZC22A AMSCO-AS3524A-ZC22A Datasheet
2Mb / 124P
Advanced Audio Processor System
More results

Similar Description - AS3524

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
1N4245 POWEREX-1N4245 Datasheet
99Kb / 2P
Passivated Rectifier
1N5059 POWEREX-1N5059 Datasheet
204Kb / 4P
Passivated Rectifier
logo
General Semiconductor
AS3024 GE-AS3024 Datasheet
93Kb / 1P
PASSIVATED ANISOTROPIC RECTIFIER TECHNOLOGY
AS4024 GE-AS4024 Datasheet
115Kb / 2P
PASSIVATED ANISOTROPIC RECTIFIER TECHNOLOGY
logo
List of Unclassifed Man...
1N4001G ETC-1N4001G Datasheet
143Kb / 2P
GLASS PASSIVATED RECTIFIER
logo
Shanghai Semitech Semic...
TNP3025A SEMITECH-TNP3025A Datasheet
55Kb / 3P
Passivated planar junction technology
logo
New Jersey Semi-Conduct...
A15 NJSEMI-A15 Datasheet
81Kb / 1P
Passivated Rectifier
A14A NJSEMI-A14A Datasheet
85Kb / 1P
Passivated Rectifier
logo
Shanghai Leiditech Elec...
SM10S24A LEIDITECH-SM10S24A Datasheet
2Mb / 5P
Junction passivation optimized design passivated anisotropic rectifier technology
logo
SAMYANG ELECTRONICS CO....
HER301G SAMYANG-HER301G Datasheet
433Kb / 2P
GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com