Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 2 Page - General Semiconductor

Part # AS3524
Description  PASSIVATED ANISOTROPIC RECTIFIER TECHNOLOGY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

AS3524 Datasheet(HTML) 2 Page - General Semiconductor

  AS3524 Datasheet HTML 1Page - General Semiconductor AS3524 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
5
10
15
20
25
30
35
40
0
50
100
150
1
10
100
1,000
10,000
5.0
20
35
50
65
80
95
0.0001
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100 120 140 160 180 200
0
5.0
10
15
20
25
30
35
40
45
50
25
50
75
100
125
150
175
200
0
500
1,000
1,500
2,000
2,500
3,000
0.35
0.45
0.55
0.65
0.75
0.85
0.95
0.01
0.1
1
10
100
1.05
0.01
0.1
1
10
100
0.01
0.1
1
10
100
CASE TEMPERATURE, ¡C
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FORWARD VOLTAGE, VOLTS
175¡C
t, TIME, ms
tr=10
ms
PEAK VALUE IPPM
TA=25¡C
PULSE WIDTH (td) is
DEFINED as the POINT
WHERE the PEAK CURRENT
DECAYS to 50% of IPP
FIG. 4. - REVERSE POWER CAPABILITY
PULSE WIDTH (ms) - 1/2 IPP EXPONENTIAL WAVEFORM
FIG. 6 - TYPICAL REVERSE CHARACTERISTICS
FIG. 7 - TYPICAL TRANSIENT THERMAL IMPEDANCE
PERCENTAGE OF V(BR), %
PULSE WIDTH, sec.
200¡C
175¡C
FIG. 5 - LOAD DUMP POWER CHARACTERISTICS
(10ms EXPODENTIAL WAVEFORM)
TEMPERATURE, ¡C
R
QJC
25¡C
25¡C
RATING AND CHARACTERISTIC CURVES AVALANCHE ALTERNATOR RECTIFIER - AS3524 AND AS3528
FIG. 1 - FORWARD CURRENT DERATING CURVE
FIG. 3 - PULSE WAVEFORM
td
HALF VALUE -
IPP
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com