Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA157 Datasheet(PDF) 1 Page - General Semiconductor

Part # BA157
Description  FAST SWITCHING PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BA157 Datasheet(HTML) 1 Page - General Semiconductor

  BA157 Datasheet HTML 1Page - General Semiconductor BA157 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BA157 THRU BA159D
FAST SWITCHING PLASTIC RECTIFIER
Reverse Voltage - 400 to 800 Volts
Forward Current - 1.0 Ampere
FEATURES
♦ Plastic package has
Underwriters Laboratory
Flammability Classification 94V-0
♦ High surge current capabability
♦ Void-free plastic package
♦ Fast switching for high efficiency
♦ High temperature soldering guaranteed:
350°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-204AL molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012 ounce,0.3 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
BA157
BA158
BA159D
UNITS
Maximum repetitive peak reverse voltage
VRRM
400
600
800
Volts
Maximum RMS voltage
VRMS
280
420
560
Volts
Maximum DC blocking voltage
VDC
400
600
800
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=55°C
I(AV)
1.0
Amp
Peak forward surge current
10ms single half sine-wave superimposed
IFSM
20.0
Amps
on rated load at TA=25°C
Maximum instantaneous forward voltage at 1.0A
VF
1.3
Volts
Maximum DC reverse current
at rated DC blocking voltage TA=25°C
IR
5.0
µA
Maximum reverse recovery time (NOTES 1)
trr
300
ns
Typical junction capacitance (NOTE 2)
CJ
12.0
pF
Maximum operation junction temperature
TJ
-65 to +125
°C
Maximum storage temperature
TSTG
-65 to +150
°C
NOTES:
(1) Reverse recovery test conditions: IF=10mA, IR=10mA, Irr=1mA for 400 to 800 Volt devices
(2) Measured at 1.0MHZ and applied reverse voltage of 4.0 Volts
4/98
DO-204AL
Dimensions in inches and (millimeters)
0.107 (2.7)
0.080 (2.0)
0.034 (0.86)
0.028 (0.71)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160 (4.1)
DIA.


Similar Part No. - BA157

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BA157 PANJIT-BA157 Datasheet
54Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
BA157 TRSYS-BA157 Datasheet
146Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Won-Top Electronics
BA157 WTE-BA157 Datasheet
48Kb / 3P
1.0A FAST RECOVERY RECTIFIER
logo
Semtech Corporation
BA157 SEMTECH-BA157 Datasheet
198Kb / 4P
FAST SIKICON RECTIFIERS
logo
Bytes
BA157 BYTES-BA157 Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - BA157

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SRP100A GE-SRP100A Datasheet
44Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS200R PANJIT-PS200R_04 Datasheet
44Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
PS300R PANJIT-PS300R_04 Datasheet
36Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
FR151 CHENG-YI-FR151 Datasheet
104Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS150R PANJIT-PS150R_09 Datasheet
49Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BA157 VISHAY-BA157_09 Datasheet
67Kb / 4P
Fast Switching Plastic Rectifier
26-Oct-09
logo
Shenzhen Taychipst Elec...
SRP100A TAYCHIPST-SRP100A Datasheet
9Mb / 2P
FAST SWITCHING PLASTIC RECTIFIER
SRP600A TAYCHIPST-SRP600A Datasheet
9Mb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Yea Shin Technology Co....
FR151 YEASHIN-FR151 Datasheet
73Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
1N4933 VISHAY-1N4933_V01 Datasheet
790Kb / 4P
Fast Switching Plastic Rectifier
01-Jul-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com