Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16D Datasheet(PDF) 1 Page - General Semiconductor

Part # BAS16D
Description  SMALL SIGNAL DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BAS16D Datasheet(HTML) 1 Page - General Semiconductor

  BAS16D Datasheet HTML 1Page - General Semiconductor BAS16D Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS16D, BAS16WS
SMALL SIGNAL DIODES
FEATURES
♦ Silicon Epitaxial Planar Diode
♦ Fast switching diode.
♦ Also available in case SOT-23
with designation BAS16.
MECHANICAL DATA
BAS16D
Case: SOD-123 Plastic Case
Weight: approx. 0.01 g
Marking Code: A6
BAS16WS
Case: SOD-323 Plastic Case
Weight: approx. 0.004 g
Marking Code: A6
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNIT
Reverse Voltage
VR
75
V
Peak Reverse Voltage
VRM
100
V
Forward Current (continuous)
IF
250
mA
Non-Repetitive Peak Forward Current
at t = 1
µsIFSM
2.0
A
at t = 1ms
IFSM
1.0
A
at t = 1s
IFSM
0.5
A
Power Dissipation at Tamb = 25 °C
BAS16D
Ptot
3501)
mW
BAS16WS
2001)
mW
Maxium Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
– 65 to +1501)
°C
1)Valid provided electrodes are kept at ambient temperture.
.022 (0.55)
.067 (1.70)
min. .010 (0.25)
Cathode Mark
Top View
.055 (1.40)
10/21/98
min. .010 (0.25)
.012 (0.3)
.059 (1.5)
Cathode Mark
Top View
.043 (1.1)
SOD-123
(BAS16D)
SOD-323
(BAS16WS)
Dimensions in inches and (millimeters)
NEW PRODUCT
NEW PRODUCT
NEW PRODUCT


Similar Part No. - BAS16D

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BAS16D SUNMATE-BAS16D Datasheet
744Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Vishay Siliconix
BAS16D VISHAY-BAS16D Datasheet
94Kb / 5P
Small Signal Fast Switching Diode
13-May-13
BAS16D VISHAY-BAS16D Datasheet
106Kb / 5P
Small Signal Fast Switching Diode
23-Feb-18
BAS16D-E3-08 VISHAY-BAS16D-E3-08 Datasheet
94Kb / 5P
Small Signal Fast Switching Diode
13-May-13
BAS16D-E3-18 VISHAY-BAS16D-E3-18 Datasheet
94Kb / 5P
Small Signal Fast Switching Diode
13-May-13
More results

Similar Description - BAS16D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4148 GE-1N4148 Datasheet
150Kb / 4P
Small Signal Diodes
1N4150 GE-1N4150 Datasheet
28Kb / 1P
Small Signal Diodes
1N4151W GE-1N4151W Datasheet
202Kb / 4P
SMALL SIGNAL DIODES
1N4448W GE-1N4448W Datasheet
140Kb / 4P
Small Signal Diodes
BAV19WS GE-BAV19WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
BAW75 GE-BAW75 Datasheet
173Kb / 4P
Small-Signal Diodes
LL4148 GE-LL4148 Datasheet
147Kb / 4P
Small Signal Diodes
LL4151 GE-LL4151 Datasheet
146Kb / 4P
Small Signal Diodes
logo
Guangdong Kexin Industr...
1N5177W KEXIN-1N5177W Datasheet
33Kb / 1P
SMALL SIGNAL DIODES
logo
EIC discrete Semiconduc...
BAV19WS EIC-BAV19WS Datasheet
40Kb / 2P
SMALL SIGNAL DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com