Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16D Datasheet(PDF) 2 Page - General Semiconductor

Part # BAS16D
Description  SMALL SIGNAL DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BAS16D Datasheet(HTML) 2 Page - General Semiconductor

  BAS16D Datasheet HTML 1Page - General Semiconductor BAS16D Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BAS16D, BAS16W
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
at IF = 1 mA
VF
–
–
715
mV
at IF = 10 mA
VF
–
–
855
mV
at IF = 50 mA
VF
–
–
1.00
V
at IF = 150 mA
VF
–
–
1.25
V
Leakage Current
at VR = 25 V, Tj = 150 °C
IR
––30
µA
at VR = 75 V
IR
––
1
µA
at VR = 75 V, Tj = 150 °C
IR
––50
µA
Capacitance
Ctot
––
2
pF
at VR = 0; f = 1 MHz
Reverse Recovery Time
trr
––
6
ns
from IF = 10 mA to IR = 10 mA
IR = 1 mA, RL = 100
Ω
Thermal Resistance
BAS16D
RthJA
–
–
3751)
°C/W
Junction to Ambient Air
BAS16WS
6501)
°C/W
1)Valid provided that electrodes are kept at ambient temperature



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com