Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS4 Datasheet(PDF) 1 Page - General Semiconductor

Part # BAS4
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BAS4 Datasheet(HTML) 1 Page - General Semiconductor

  BAS4 Datasheet HTML 1Page - General Semiconductor BAS4 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Schottky Diodes
Dimensions in inches and (millimeters)
.016 (0.4)
.037(0.95) .037(0.95)
.122 (3.1)
.016 (0.4)
.016 (0.4)
3
12
Top View
.102 (2.6)
.118 (3.0)
.094 (2.4)
Case: SOT-23 Plastic Package
Weight: approx. 0.008 g
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS FOR ONE DIODE
Ratings at 25 °C ambient temperature unless otherwise specified
SOT-23
4/98
BAS40 THRU BAS40-06
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
40
V
Forward Continuous Current at Tamb = 25 °C
IF
2001)
mA
Surge Forward Current at tp <1 s, Tamb = 25 °C
IFSM
6001)
mA
Power Dissipation1) at Tamb = 25 °C
Ptot
2001)
mW
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
–55 to +150
°C
1) Device on fiberglass substrate, see layout
These diodes feature very low turn-on
voltage and fast switching.
These devices are protected by a PN
junction guard ring against excessive
voltage, such as electrostatic discharges.
♦
♦
BAS40
1
3
2
Top View
1
3
2
BAS40-04
Marking: 43
Marking: 44
1
3
2
Top View
1
3
2
BAS40-05
BAS40-06
Marking: 45
Marking: 46


Similar Part No. - BAS4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAS4 MOTOROLA-BAS4 Datasheet
73Kb / 4P
CASE 318-08, STYLE 8 SOT-23 TO-236AB
logo
NXP Semiconductors
BAS4 PHILIPS-BAS4 Datasheet
49Kb / 8P
Low-leakage diode
1999 May 28
logo
Microsemi Corporation
BAS4 MICROSEMI-BAS4 Datasheet
122Kb / 2P
SCHOTTKY array??SERIES
logo
Infineon Technologies A...
BAS4 INFINEON-BAS4 Datasheet
506Kb / 8P
Silicon Schottky Diode
Jan-16-200
logo
NXP Semiconductors
BAS40 PHILIPS-BAS40 Datasheet
58Kb / 8P
Schottky barrier double diodes
1999 Apr 28
More results

Similar Description - BAS4

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com