Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN21 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MN21
Description  Alkaline-Manganese Dioxide Battery
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MN21 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MN21 Datasheet HTML 1Page - List of Unclassifed Manufacturers MN21 Datasheet HTML 2Page - List of Unclassifed Manufacturers MN21 Datasheet HTML 3Page - List of Unclassifed Manufacturers MN21 Datasheet HTML 4Page - List of Unclassifed Manufacturers MN21 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
8
Alkaline-Manganese Dioxide
MN1300
D
1.5
15.000
10
0.304
0.138
3.440
0.056
59.2
130
5.2
322
MN1400
C
1.5
7.800
20
0.143
0.065
1.640
0.027
65.5
144
5.7
347
MN1500
AA
1.5
2.850
43
0.052
0.024
0.510
0.008
65.8
143
6.7
428
MN2400
AAA
1.5
1.150
75
0.024
0.011
0.230
0.004
57.5
126
6.0
345
MN9100
N
1.5
0.800
100
0.021
0.010
0.210
0.003
45.7
96
4.6
320
7K67
J
6.0
0.580
340
0.075
0.034
0.960
0.016
37.2
82
2.9
174
MN908
Lantern
6.0
11.500
15
1.349
0.612
30.620
0.502
40.9
90
1.8
110
MN918
Lantern
6.0
24.000
9
2.800
1.270
75.880
1.243
41.1
91
1.5
93
MN1604
9V
9.0
0.580
620
0.101
0.046
1.390
0.023
41.4
91
3.0
182
PRODUCT
NOMINAL
RATED
TYPICAL GRAVIMETRIC
TYPICAL VOLUMETRIC
NUMBER
SIZE
VOLTAGE
CAPACITY*
LOAD
WEIGHT
VOLUME
ENERGY DENSITY**
ENERGY DENSITY
cubic
watt-hours
watt-hours
watt hours
watt hours
volts
ampere-hours
ohms
pounds
kilograms
inches
liters
per pound
per kilogram
per cubic inch
per liter
5.5 Internal Resistance
5.6 Energy Density
Performance Characteristics (cont.)
performance of alkaline and regular zinc-carbon cells
is compared in Figure 9, showing the “D” size cell at
70°F (21°C) and 32°F (0°C). Figure 9a shows “AA”
cell performance under the same conditions. The alka-
line cell will maintain a higher voltage for considerably
longer than the regular zinc-carbon cell, resulting in a
service life at lower temperatures which is up to ten
times that of the regular zinc-carbon cell.
Alkaline cells, because of their compact construc-
tion and highly conductive electrolyte, have low internal
resistance, usually less than 1 ohm. The low internal
resistance characteristic is a benefit in applications
involving high current pulses. Unlike regular zinc-carbon
cells, alkaline cells do not require rest periods between
pulses and maintain their low internal resistance,
increasing only at the very end of useful life.
Energy density is a measure of available energy
in terms of weight and volume. It is the ratio of a cell’s
capacity to either its volume or weight and can be used
to evaluate a cell’s performance.
Table 1 is a summary of the major alkaline
product types comparing both volumetric energy density
and gravimetric energy density. Volumetric energy density
is an important factor where battery size is the primary
design consideration. Gravimetric energy density becomes
important where weight of the battery is critical, such as
in portable computers and cellular phones. The values
shown in this table are typical for each cell size. Actual
energy output will vary, dependent mostly on drain rates
applied.
*
TO 0.8V per cell at 21°C (70°F).
** Based on 1.2 volt average operating voltage per cell at 21°C (70°F).
Table 1. Comparison of typical energy densities of major DURACELL® alkaline cells/batteries.
To determine the practical energy density of a
cell under specific conditions of load and temperature,
multiply the ampere-hour capacity that the cell delivers
under those conditions by the average discharge volt-
age, and divide by cell volume or weight.
Gravimetric Energy Density:
(Drain in Amperes x Service Hours)
x Average Discharge Voltage
=
Watt-Hours
Weight of cell in Pounds or Kilograms
Pound or
Kilogram
Volumetric Energy Density:
(Drain in Amperes x Service Hours)
x Average Discharge Voltage
=
Watt-Hours
Volume of cell in Cubic Inches or Liters
cubic Inch
or Liter



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com