Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN21 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MN21
Description  Alkaline-Manganese Dioxide Battery
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MN21 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MN21 Datasheet HTML 1Page - List of Unclassifed Manufacturers MN21 Datasheet HTML 2Page - List of Unclassifed Manufacturers MN21 Datasheet HTML 3Page - List of Unclassifed Manufacturers MN21 Datasheet HTML 4Page - List of Unclassifed Manufacturers MN21 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This data is subject to change. Performance information is typical. Contact Duracell for the latest information
Delivered capacity is dependent on the applied load, operating temperature and cut-off voltage. Please refer to the charts
and discharge data shown for examples of the energy / service life that the battery will provide for various load conditions.
**
1.5 mm
MIN
7.5 mm
MAX
26.2
24.9
mm
50.0
48.5
mm
(
+ )
(
– )
TYPICAL DISCHARGE CHARACTERISTICS AT 21
°C (70° F)
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
0
20406080
100
120
140
160
Service Hours
3.9 OHMS
6.8 OHMS
10 OHMS
20 OHMS
MN1400
Size: C (LR14)
Alkaline-Manganese Dioxide Battery
Dimensions shown are IEC/ANSI standards
Nominal Voltage:
1.5 V
Impedance:
Typical Weight:
69 gm (2.4 oz.)
Typical Volume:
26.9 cm
3
(1.6 in.
3
)
Terminals:
Flat
Operating Temperature
Range:
-20
o
C to 54
o
C
(-4
o
F to 130
o
F)
ANSI:
IEC:
14A
LR14
Operating Voltage
Storage Temperature
Range:
1.6 - 0.75V
-20
o
C to 35
o
C
150 m-ohm @ 1kHz
MN1400_US_CT.PDF
Page 1 of 2


Similar Part No. - MN21

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
MN2 CLARE-MN2 Datasheet
404Kb / 5P
Mini-Dyad
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
Digitally Controlled Programmable-Gain Amplifier
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
Digitally Controlled Programmable-Gain Amplifier
logo
Integrated Circuit Syst...
MN2200 ICST-MN2200 Datasheet
1,020Kb / 6P
High-performance Instrumentation Amplifier
logo
API Technologies Corp
MN2200 APITECH-MN2200 Datasheet
1Mb / 6P
High-performance Instrumentation Amplifier
More results

Similar Description - MN21

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CR2032 SONY-CR2032 Datasheet
93Kb / 2P
Lithium Manganese Dioxide Battery
logo
List of Unclassifed Man...
CR1216 ETC-CR1216 Datasheet
60Kb / 2P
Lithium Manganese Dioxide Battery
MX1300 ETC-MX1300 Datasheet
92Kb / 2P
ALKALINE MANGANESE DIOXIDE BATTERY
LR54 ETC-LR54 Datasheet
43Kb / 1P
Alkaline Manganese Dioxide Battery
CR17450 ETC-CR17450 Datasheet
125Kb / 1P
MANGANESE DIOXIDE LITHIUM BATTERY
MN9100 ETC2-MN9100 Datasheet
84Kb / 2P
Alkaline Manganese Dioxide Battery
logo
Panasonic Battery Group
6LR61XWA PANASONICBATTERY-6LR61XWA Datasheet
201Kb / 2P
Alkaline-Zinc/Manganese Dioxide
logo
List of Unclassifed Man...
4LR44 ETC2-4LR44 Datasheet
247Kb / 1P
Alkaline Manganese Dioxide (mercury free)
logo
Duracell
DL2450 DURACELL-DL2450 Datasheet
537Kb / 1P
Lithium Manganese Dioxide Battery
LR43 DURACELL-LR43 Datasheet
176Kb / 1P
Alkaline Manganese Dioxide Battery
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com