Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856 Datasheet(PDF) 1 Page - General Semiconductor

Part # BC856
Description  Small Signal Transistors (PNP)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BC856 Datasheet(HTML) 1 Page - General Semiconductor

  BC856 Datasheet HTML 1Page - General Semiconductor BC856 Datasheet HTML 2Page - General Semiconductor BC856 Datasheet HTML 3Page - General Semiconductor BC856 Datasheet HTML 4Page - General Semiconductor BC856 Datasheet HTML 5Page - General Semiconductor BC856 Datasheet HTML 6Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
Small Signal Transistors (PNP)
Dimensions in inches and (millimeters)
.016 (0.4)
.037(0.95) .037(0.95)
.122 (3.1)
.016 (0.4)
.016 (0.4)
3
12
Top View
.102 (2.6)
.118 (3.0)
.094 (2.4)
Case: SOT-23 Plastic Package
Weight: approx. 0.008 g
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Pin configuration
1 = Base, 2 = Emitter, 3 = Collector.
SOT-23
4/98
Marking code
Type
Marking
BC856A
B
BC857A
B
C
BC858A
B
C
3A
3B
3E
3F
3G
3J
3K
3L
Symbol
Value
Unit
Collector-Base Voltage
BC856
BC857
BC858, BC859
–VCBO
–VCBO
–VCBO
80
50
30
V
V
V
Collector-Emitter Voltage
BC856
BC857
BC858, BC859
–VCES
–VCES
–VCES
80
50
30
V
V
V
Collector-Emitter Voltage
BC856
BC857
BC858, BC859
–VCEO
–VCEO
–VCEO
65
45
30
V
V
V
Emitter-Base Voltage
–VEBO
5V
Collector Current
–IC
100
mA
Peak Collector Current
–ICM
200
mA
Peak Base Current
–IBM
200
mA
Peak Emitter Current
IEM
200
mA
Power Dissipation at TSB = 50 °C
Ptot
3101)
mW
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
–65 to +150
°C
Type
Marking
BC859A
B
C
4A
4B
4C
PNP Silicon Epitaxial Planar Transistors
for switching and AF amplifier applications.
Especially suited for automatic insertion in
thick- and thin-film circuits.
These transistors are subdivided into three groups A, B
and C according to their current gain. The type BC856 is
available in groups A and B, however, the types BC857,
BC858 and BC859 can be supplied in all three groups.
The BC859 is a low noise type.
As complementary types, the NPN transistors
BC846 … BC849 are recommended.
BC856 THRU BC859


Similar Part No. - BC856

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856 PHILIPS-BC856 Datasheet
47Kb / 8P
PNP general purpose transistors
1999 Apr 12
logo
Fairchild Semiconductor
BC856 FAIRCHILD-BC856 Datasheet
68Kb / 5P
Switching and Amplifier Applications
logo
KEC(Korea Electronics)
BC856 KEC-BC856 Datasheet
247Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
AUK corp
BC856 AUK-BC856 Datasheet
92Kb / 3P
PNP Silicon Transistor (General purpose application Switching application)
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
PNP Silicon AF Transistors
Dec-11-2001
More results

Similar Description - BC856

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
BC327 GE-BC327 Datasheet
243Kb / 5P
Small Signal Transistors (PNP)
BC556 GE-BC556 Datasheet
253Kb / 6P
Small Signal Transistors (PNP)
MMBT3906 GE-MMBT3906 Datasheet
136Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
logo
Vishay Siliconix
BCW61 VISHAY-BCW61 Datasheet
40Kb / 3P
Small Signal Transistors (PNP)
09-May-02
logo
Micro Commercial Compon...
DMMT3906 MCC-DMMT3906_11 Datasheet
236Kb / 4P
PNP Small Signal Transistors
MMSTA92 MCC-MMSTA92_11 Datasheet
204Kb / 2P
PNP Small Signal Transistors
MMST2907A MCC-MMST2907A_11 Datasheet
193Kb / 2P
PNP Small Signal Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com