Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856 Datasheet(PDF) 2 Page - General Semiconductor

Part # BC856
Description  Small Signal Transistors (PNP)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BC856 Datasheet(HTML) 2 Page - General Semiconductor

  BC856 Datasheet HTML 1Page - General Semiconductor BC856 Datasheet HTML 2Page - General Semiconductor BC856 Datasheet HTML 3Page - General Semiconductor BC856 Datasheet HTML 4Page - General Semiconductor BC856 Datasheet HTML 5Page - General Semiconductor BC856 Datasheet HTML 6Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Symbol
Min.
Typ.
Max.
Unit
h-Parameters
at –VCE = 5 V, –IC = 2 mA, f = 1 kHz
Current Gain
Current Gain Group A
B
C
Input Impedance
Current Gain Group A
B
C
Output Admittance
Current Gain Group A
B
C
Reverse Voltage Transfer Ratio
Current Gain Group A
B
C
hfe
hfe
hfe
hie
hie
hie
hoe
hoe
hoe
hre
hre
hre
1.6
3.2
6
220
330
600
2.7
4.5
8.7
18
30
60
1.5 · 10–4
2 · 10–4
3 · 10–4
4.5
8.5
15
30
60
110
k
k
k
µS
µS
µS
DC Current Gain
at –VCE = 5 V, –IC = 10 µA
Current Gain Group A
B
C
at –VCE = 5 V, –IC = 2 mA
Current Gain Group A
B
C
hFE
hFE
hFE
hFE
hFE
hFE
110
200
420
90
150
270
180
290
520
220
450
800
Thermal Resistance Junction to Substrate
Backside
RthSB
3201)
K/W
Thermal Resistance Junction to Ambient Air
RthJA
4501)
K/W
Collector Saturation Voltage
at –IC = 10 mA, –IB = 0.5 mA
at –IC = 100 mA, –IB = 5 mA
–VCEsat
–VCEsat
90
250
300
650
mV
mV
Base Saturation Voltage
at –IC = 10 mA, –IB = 0.5 mA
at –IC = 100 mA, –IB = 5 mA
–VBEsat
–VBEsat
700
900
mV
mV
Base-Emitter Voltage
at –VCE = 5 V, –IC = 2 mA
at –VCE = 5 V, –IC = 10 mA
–VBE
–VBE
600
660
750
800
mV
mV
Collector-Emitter Cutoff Current
at –VCE = 80 V
BC856
at –VCE = 50 V
BC857
at –VCE = 30 V
BC858, BC859
at –VCE = 80 V, Tj = 125 °C
BC856
at –VCE = 50 V, Tj = 125 °C
BC857
at –VCE = 30 V, Tj = 125 °C
BC858, BC859
at –VCB = 30 V
at –VCB = 30 V, Tj = 150 °C
–ICES
–ICES
–ICES
–ICES
–ICES
–ICES
–ICBO
–ICBO
0.2
0.2
0.2
15
15
15
4
4
4
15
5
nA
nA
nA
µA
µA
µA
nA
µA
Gain-Bandwidth Product
at –VCE = 5 V, –IC = 10 mA, f = 100 MHz
fT
150
MHz
1) Device on fiberglass substrate, see layout
BC856 THRU BC859



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com