Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N113BPC Datasheet(PDF) 5 Page - Switchcraft, Inc.

Part # N113BPC
Description  1/4 ENCLOSED PHONE JACKS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

N113BPC Datasheet(HTML) 5 Page - Switchcraft, Inc.

  N113BPC Datasheet HTML 1Page - Switchcraft, Inc. N113BPC Datasheet HTML 2Page - Switchcraft, Inc. N113BPC Datasheet HTML 3Page - Switchcraft, Inc. N113BPC Datasheet HTML 4Page - Switchcraft, Inc. N113BPC Datasheet HTML 5Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ONLINE CATALOG
SWITCHCRAFT, INC. 5555 N. Elston Ave.
Chicago, IL 60630 • 773 792-2700 • FAX: 773 792-2129
www.switchcraft.com
1/4" ENCLOSED TELEPHONE JACKS
DIMENSIONS ARE FOR REFERENCE ONLY
NOTE: Contact your Switchcraft Representative for price and delivery.
Inch
(mm)
.375 (long bushing only)
[9.53]
Hi-D Jax®
Hi-D Jax®
RECOMMENDED PC BOARD
LAYOUT (FOR Hi-D JAX®).
(COMPONENT SIDE)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com