Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N113BPC Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # N113BPC
Description  1/4 ENCLOSED PHONE JACKS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

N113BPC Datasheet(HTML) 1 Page - Switchcraft, Inc.

  N113BPC Datasheet HTML 1Page - Switchcraft, Inc. N113BPC Datasheet HTML 2Page - Switchcraft, Inc. N113BPC Datasheet HTML 3Page - Switchcraft, Inc. N113BPC Datasheet HTML 4Page - Switchcraft, Inc. N113BPC Datasheet HTML 5Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Previous Page | Return to Index | Next Page
1/4" ENCLOSED PHONE JACKS
1. Series 11*
2. PC Terminal View*
3. Series N11*
click here to download a schematic drawing
(you will need to have Adobe Acrobat installed on your system to do this)


Similar Part No. - N113BPC

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
N11-B0-24-610-121 CARLINGTECH-N11-B0-24-610-121 Datasheet
1Mb / 10P
CIRCUIT BREAKER
logo
Heyco.
N110 HEYCO-N110 Datasheet
147Kb / 1P
Polyurethane Adhesive-Back Bumpers
logo
Sanken electric
N1106 SANKEN-N1106 Datasheet
138Kb / 5P
Silicon Diode
logo
Heyco.
N111 HEYCO-N111 Datasheet
147Kb / 1P
Polyurethane Adhesive-Back Bumpers
logo
E-SWITCH
N111195 E-SWITCH-N111195 Datasheet
77Kb / 1P
PACKAGING: 4,000 PCS PER REEL
More results

Similar Description - N113BPC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTJ-66FX1 ADAM-TECH-MTJ-66FX1 Datasheet
127Kb / 1P
MODULAR TELEPHONE JACKS TOP ENTRY, ENCLOSED BODY - TYPE F
logo
Switchcraft, Inc.
SN37A SWITCH-SN37A Datasheet
57Kb / 1P
1/4 RIGHT-ANGLE PHONE JACKS
280 SWITCH-280 Datasheet
32Kb / 1P
1/4 COMMERCIAL PHONE PLUGS
220 SWITCH-220 Datasheet
26Kb / 1P
1/4 FLAT PLUG PHONE PLUGS
TR2A SWITCH-TR2A Datasheet
310Kb / 1P
SUBMINIATURE PHONE JACKS, TR2A AND TR1PC
13B SWITCH-13B Datasheet
152Kb / 8P
COMMERCIAL PHONE JACKS
logo
List of Unclassifed Man...
NP3X-B ETC2-NP3X-B Datasheet
178Kb / 4P
1/4 Prof. Phone Plugs, X-Series
logo
Switchcraft, Inc.
RA49C14B SWITCH-RA49C14B Datasheet
177Kb / 1P
1/4 RIGHT ANGLE JACKS RA SEIRIES
logo
Neutrik AG
NP2X-B NEUTRIK-NP2X-B Datasheet
60Kb / 3P
2 pole 1/4" professional phone plug, gold contacts, black shell
NP3RX-BAG NEUTRIK-NP3RX-BAG Datasheet
78Kb / 3P
3 pole 1/4" professional phone plug, nickel contacts, black shell
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com