Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX79 Datasheet(PDF) 1 Page - General Semiconductor

Part # BZX79
Description  SILICON PLANAR ZENER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BZX79 Datasheet(HTML) 1 Page - General Semiconductor

  BZX79 Datasheet HTML 1Page - General Semiconductor BZX79 Datasheet HTML 2Page - General Semiconductor BZX79 Datasheet HTML 3Page - General Semiconductor BZX79 Datasheet HTML 4Page - General Semiconductor BZX79 Datasheet HTML 5Page - General Semiconductor BZX79 Datasheet HTML 6Page - General Semiconductor BZX79 Datasheet HTML 7Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SYMBOL
VALUE
UNIT
Zener Current (see Table “Characteristics”)
Power Dissipation at Tamb = 25°C
Ptot
500(1)
mW
Junction Temperature
Tj
-65 to 200
°C
Storage Temperature Range
TS
-65 to + 200
°C
Continuous Forward Current
IF
250
mA
Peak reverse power dissipation (non-repetitive) tp=100ms,
PZSM
40
Watts
square wave
BZX79 SERIES
SILICON PLANAR ZENER DIODES
FEATURES
The Zener voltages are graded according to the international
E 24 standard. Higher Zener voltages and 1% tolerance
available on request.
Diodes available in these tolerance series:
±2% BZX79-B
±3% BZX79-F
±5% BZX79-C
MECHANICAL DATA
Case: DO-35 Glass Case
Weight: approx. 0.13 g
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature 8unless otherwise specified
12/10/98
max. ∅
Cathode
.020 (0.52)
Mark
max. ∅.079 (2.0)
Dimensions in inches and (millimeters)
DO-35
Characteristics at Tamb = 25°C
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance
RthJA
–
–
0.3(1)
°C/W
Junction to Ambient Air
Forward Voltage
VF
–
–
0.9
Volts
at IF = 10 mA
NOTES:
(1) Valid provided that leads are kept at ambient temperature at a distance of 8mm from case.


Similar Part No. - BZX79

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX79 PHILIPS-BZX79 Datasheet
61Kb / 12P
Voltage regulator diodes
2002 Feb 27
logo
GOOD-ARK Electronics
BZX79 GOOD-ARK-BZX79 Datasheet
319Kb / 7P
Zener Diodes
logo
Silicon Standard Corp.
BZX79 SSC-BZX79 Datasheet
455Kb / 7P
ZENER DIODES
logo
NXP Semiconductors
BZX79 NXP-BZX79 Datasheet
581Kb / 10P
Voltage regulator diodes
2002 Feb 27
BZX79 NXP-BZX79 Datasheet
581Kb / 10P
Voltage regulator diodes
2002 Feb 27
More results

Similar Description - BZX79

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com