Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX79 Datasheet(PDF) 2 Page - General Semiconductor

Part # BZX79
Description  SILICON PLANAR ZENER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BZX79 Datasheet(HTML) 2 Page - General Semiconductor

  BZX79 Datasheet HTML 1Page - General Semiconductor BZX79 Datasheet HTML 2Page - General Semiconductor BZX79 Datasheet HTML 3Page - General Semiconductor BZX79 Datasheet HTML 4Page - General Semiconductor BZX79 Datasheet HTML 5Page - General Semiconductor BZX79 Datasheet HTML 6Page - General Semiconductor BZX79 Datasheet HTML 7Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BZX79 – y2V4
100
< 600
– 0.08
– 0.06
50,000
1
167
450
6.0
BZX79 – y2V7
100
< 600
– 0.08
– 0.06
20,000
1
135
450
6.0
BZX79 – y3V0
95
< 600
– 0.08
– 0.06
10,000
1
125
450
6.0
BZX79 – y3V3
95
< 600
– 0.08
– 0.05
5,000
1
115
450
6.0
BZX79 – y3V6
90
< 600
– 0.08
– 0.04
5,000
1
105
450
6.0
BZX79 – y3V9
90
< 600
– 0.07
– 0.03
3,000
1
95
450
6.0
BZX79 – y4V3
90
< 600
– 0.04
– 0.01
3,000
1
90
450
6.0
BZX79 – y4V7
80
500
– 0.03
+0.01
3,000
1
85
300
6.0
BZX79 – y5V1
60
480
– 0.02
+0.05
2,000
1
80
300
6.0
BZX79 – y5V6
40
400
– 0.01
+0.06
1,000
1
70
300
6.0
BZX79 – y6V2
10
150
0
+0.07
3,000
2
64
200
6.0
BZX79 – y6V8
15
80
+0.01
+0.08
2,000
3
58
200
6.0
BZX79 – y7V5
15
80
+0.01
+0.09
1,000
5
53
150
4.0
BZX79 – y8V2
15
80
+0.01
+0.09
700
6
47
150
4.0
BZX79 – y9V1
15
100
+0.02
+0.10
500
7
43
150
3.0
BZX79 – y10
20
150
+0.03
+0.11
200
7.5
40
90
3.0
BZX79 – y11
20
150
+0.03
+0.11
100
8.5
36
85
2.5
BZX79 – y12
25
150
+0.03
+0.11
100
9
32
85
2.5
BZX79 – y13
30
170
+0.03
+0.11
100
10
29
80
2.5
BZX79 – y15
30
200
+0.03
+0.11
50
11
27
75
2.0
BZX79 – y16
40
200
+0.03
+0.11
50
12
24
75
1.5
BZX79 – y18
45
225
+0.03
+0.11
50
14
21
70
1.5
BZX79 – y20
55
225
+0.03
+0.11
50
15
20
60
1.5
BZX79 – y22
55
250
+0.03
+0.11
50
17
18
60
1.3
BZX79 – y24
70
250
+0.04
+0.12
50
18
16
55
1.3
BZX79 – y27
80(3)
300(4)
+0.04(3)
+0.12
50
20
14
50
1.0
BZX79 – y30
80(3)
300(4)
+0.04(3)
+0.12
50
22
13
50
1.0
BZX79 – x33
80(3)
325(4)
+0.04(3)
+0.12
50
24
12
45
0.9
BZX79 – x36
90(3)
350(4)
+0.04(3)
+0.12
50
27
11
45
0.8
BZX79 – x39
130(3)
350(4)
+0.04(3)
+0.12
50
28
10
45
0.7
BZX79 – x43
150(3)
375(4)
+0.04(3)
+0.12
50
32
9.2
40
0.6
BZX79 – x47
170(3)
375(4)
+0.04(3)
+0.12
50
35
8.5
40
0.5
BZX79 – x51
180(3)
400(4)
+0.04(3)
+0.12
50
38
7.8
40
0.4
BZX79 – x56
200(3)
425(4)
typ. +0.1(3)
50
39
7.1
40
0.3
BZX79 – x62
215(3)
450(4)
typ. +0.1(3)
50
43
6.4
35
0.3
BZX79 – x68
240(3)
475(4)
typ. +0.1(3)
50
48
5.8
35
0.3
BZX79 – x75
255(3)
500(4)
typ. +0.1(3)
50
53
5.3
35
0.2
BZX79 SERIES
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Type
y = B for ±2%VZ
y = F for ±3%VZ
y = C for ±5%VZ
Dynamic resistance
at
at
IZ = 5 mA
IZ = 1 mA
f = 1 kHZ
f = 1 kHZ
rzj
Ω
rzj
Ω
max.
max
Temp coefficient
of Zener Voltage
at
IZ = 5 mA
∝ mVZ %/K
min.
max.
Admissible
Zener
current(2)
IZ
(mA)
Capacitance
VR =0
f=1 MHZ
(pF)
max.
Non-Repetitive
Peak Reverse
Currrent
at tp = 100
µs
IZSM
(A)
Reverse leakage
Current
IR
at VR
nA
V
NOTES:
(1) Tested with pulses tp = 5 ms.
(2) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
(3) at IZ = 2.0 mA
(4) at IZ = 0.5 mA
Y = Zener voltage tolerance designator



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com