Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH0022 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SH0022
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0022 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SH0022 Datasheet HTML 1Page - Solid States Devices, Inc SH0022 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTES:
2/ VF as measured between pins 1 and 2 in common, within .100” from the case, and pin 3 directly at the case.
Case Outline- TO-5
PIN 1- ANODE
PIN 2- ANODE
PIN 3- CATHODE
CASE- CATHODE
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR1008/5
SSR1009/5
SSR1010/5
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL
MAXIMUM
UNIT
Instantaneous Forward Voltage Drop 2/
(IF = 1 Adc, TA = 25°C, 300 - 500µs Pulse)
(IF = 5 Adc, TA = 25°C, 300 - 500µs Pulse)
(IF = 10 Adc, TA = 25°C, 300 - 500µs Pulse)
VF1
VF2
VF3
0.56
0.73
0.85
Vdc
Instantaneous Forward Voltage Drop
(IF = 5 Adc, TA = -55°C, 300 - 500µs Pulse)
VF4
0.82
Vdc
Reverse Leakage Current
(Rated VR, TA = 25°C, 300µs Pulse Minimum)
IR1
100
µA
Reverse Leakage Current
(Rated VR, TA = 100°C, 300µs Pulse Minimum)
IR2
5
mA
Junction Capacitance
(VR = 10 Vdc, TA = 25°C, f = 1 MHz)
CJ
400
pF
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0022C
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com