Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH0022 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SH0022
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0022 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SH0022 Datasheet HTML 1Page - Solid States Devices, Inc SH0022 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• Extremely Low Forward Voltage Drop
• Low Reverse Leakage
• Hermetically Sealed Package
• Guard Ring for Overvoltage Protection
• Eutectic Die Attach
• 175°C Operating Junction Temperature
• TX, TXV, or Space Level Screening Available
SSR1008/5
SSR1009/5
SSR1010/5
10 AMP
80 ─ 100 VOLTS
SCHOTTKY RECTIFIER
TO-5
MAXIMUM RATINGS
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage and DC
Blocking Voltage
SSR1008/5
SSR1009/5
SSR1010/5
VRRM
VRWM
VR
80
90
100
Volts
Average Rectified Output Current 1/
(Resistive Load, 60Hz, Sine Wave, TA=25°C)
IO
10
Amps
Peak Surge Current 1/
(8.3 ms Pulse, Half Sine Wave, superimposed on
IO, allow junction to reach equilibrium between
pulses, TA=25°C)
IFSM
150
Amps
Operating and Storage Temperature
TOP & TSTG
-65 to +175
°
C
Maximum Thermal Resistance 1/
Junction to Case
RθJC
7.0
°
C/W
Notes: 1/ For optimal performance, connect leads 1 & 2 together (Anode).
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0022C
DOC


Similar Part No. - SH0022

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0022 SSDI-SH0022_15 Datasheet
139Kb / 2P
SCHOTTKY RECTIFIER
More results

Similar Description - SH0022

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com