Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH0028 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SH0028
Description  Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0028 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SH0028 Datasheet HTML 1Page - Solid States Devices, Inc SH0028 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS 3/
Symbol
Maximum
Units
Instantaneous Forward Voltage Drop
(TA=25ºC, 300 - 500 μsec pulse)
IF = 10 ADC
V
F1
0.75
VDC
Instantaneous Forward Voltage Drop
(TA=+125ºC, 300 - 500 μsec pulse)
IF = 10 ADC
VF2
0.63
VDC
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300 μsec pulse minimum)
IR1
1.0
mA
Reverse Leakage Current
(Rated VR, TA = +125ºC, 300 μsec pulse minimum)
IR2
10
mA
Junction Capacitance
(VR = 10V, f = 1MHz, TA = 25
oC)
CJ
600
pF
PIN ASSIGNMENT
Package
TOP
BOTTOM
LEAD
Sedpack (HB)
Anode
Cathode
---
Sedpack with Lead (HE)
Anode
Cathode
Anode
Sedpack with Lead (HF)
Cathode
Anode
Cathode
NOTES:
1/ For Ordering Information, Price, Operating Curves, and
Availability Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics
@25ºC
Available Part Numbers:
SED10HB100, SED10HE100, and SED10HF100
Package Outline:
SED10HB100
Package Outline:
SED10HE100
Package Outline:
SED10HF100
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638-5223
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SED10HB100, SED10HE100
and
SED10HF100
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0028C
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com