Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH0028 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SH0028
Description  Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0028 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SH0028 Datasheet HTML 1Page - Solid States Devices, Inc SH0028 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638-5223
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SED10 __ __ __
│
│
│
│
│
│
│
│
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
└ Voltage
100 = 100 V
└ Package
HB = Sedpack 1
HE = Sedpack 1 with Lead
HF = Sedpack 1 with Lead, Reverse Polarity
SED10HB100, SED10HE100
and
SED10HF100
10 A / 100 V
Schottky Rectifier
FEATURES:
• Low Reverse Leakage
• Low Forward Voltage Drop
• Hermetically Sealed Power Surface Mount
Package
• Guard Ring for Overvoltage Protection
• Eutectic Die Attach
• 150°C Operating Temperature
• TX, TXV, and Space Level Screening
Available
2/. Consult Factory.
MAXIMUM RATINGS 3/
Symbol
Value
Units
Peak Repetitive and Peak Reverse Voltage
VRRM
VR
100
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TC = 100
oC)
IO
10
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, allow junction to reach
equilibrium between pulses, TA = 25
oC)
IFSM
175
Amps
Operating & Storage Temperature
TOP & Tstg
-55 to +175
oC
Maximum Thermal Resistance
(Junction to Case)
SED10HB100
SED10HE100
SED10HF100
RθJC
1.25
1.25
3.00
oC/W
SEDPACK 1 (HB)
SEDPACK 1 with Lead (HE, HF)
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0028C
DOC


Similar Part No. - SH0028

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0028 SSDI-SH0028_15 Datasheet
89Kb / 2P
Schottky Rectifier
More results

Similar Description - SH0028

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com