Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF005M Datasheet(PDF) 1 Page - General Semiconductor

Part # DF005M
Description  MINIATURE GLASS PASSIVATED SINGLE-PHASE-BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

DF005M Datasheet(HTML) 1 Page - General Semiconductor

  DF005M Datasheet HTML 1Page - General Semiconductor DF005M Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4/98
DF005M THRU DF10M
MINIATURE GLASS PASSIVATED SINGLE-PHASE-BRIDGE RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
FEATURES
♦ This series is UL listed under the Recognized Component
Index, file number E54214
♦ Plastic package used has Underwriters Laboratory
Flammability Classification 94V-0
♦ Glass passivated chip junctions
♦ Surge overload rating of 50 Amperes peak
♦ Ideal for printed circuit boards
♦ High temperature soldering guaranteed:
260°C/10 seconds at 5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: Molded plastic body over passivated junctions
Terminals: Plated lead solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on body
Mounting Position: Any
Weight: 0.04 ounce, 1.0 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
DF
DF
DF
DF
DF
DF
DF
SYMBOLS
005M
01M
02M
04M
06M
08M
10M
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward output rectified current
at TA=40°C
I(AV)
1.0
Amp
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
IFSM
50.0
Amps
Rating for fusing (t < 8.3ms)
I2t
10.0
A2sec
Maximum instantaneous forward voltage drop
per leg at 1.0A
VF
1.1
Volts
Maximum reverse current
TA=25°C
5.0
at rated DC blocking voltage per leg
TA=125°C
IR
500.0
µA
Typical junction capacitance per leg (NOTE 1)
CJ
25.0
pF
Typical thermal resistance per leg (NOTE 2)
R
ΘJA
40.0
R
ΘJL
15.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(2) Thermal resistance from junction to ambient and from junction to lead mounted on
P.C.B. with 0.5 x 0.5" (13 x 13mm) copper pads
Case Style DFM
Dimensions in inches and (millimeters)
0.315 (8.00)
0.285 (7.24)
0.013 (3.3)
0.0086 (0.22)
0.350 (8.9)
0.300 (7.6)
0.255 (6.5)
0.245 (6.2)
0.335 (8.51)
0.320 (8.12)
0.045 (1.14)
0.035 (0.89)
0.080 (2.03)
0.050 (1.27)
0.023 (0.58)
0.018 (0.46)
0.185 (4.69)
0.150 (3.81)
0.130 (3.3)
0.120 (3.05)
0.075 (1.90)
0.055 (1.39)
0.205 (5.2)
0.195 (5.0)


Similar Part No. - DF005M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DF005M FAIRCHILD-DF005M Datasheet
33Kb / 2P
1.5 Ampere Bridge Rectifiers
logo
Diodes Incorporated
DF005M DIODES-DF005M Datasheet
61Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21201 Rev. H-2
logo
Fuji Electric
DF005M FUJI-DF005M Datasheet
660Kb / 1P
1 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Comchip Technology
DF005M COMCHIP-DF005M Datasheet
41Kb / 2P
Single-Phase Bridge Rectifiers
logo
International Rectifier
DF005M IRF-DF005M Datasheet
67Kb / 4P
1A Single Phase D.I.L. Rectifier Bridge (1.0A, from 50 to 1000V)
More results

Similar Description - DF005M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
B40C800DM GE-B40C800DM Datasheet
84Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
MB2M GE-MB2M Datasheet
37Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
3N253 NJSEMI-3N253 Datasheet
121Kb / 1P
MINIATURE GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Vishay Siliconix
MBL104S VISHAY-MBL104S Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
12-Apr-13
MB6S-E3 VISHAY-MB6S-E3 Datasheet
102Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
01-Feb-08
logo
New Jersey Semi-Conduct...
W005G NJSEMI-W005G Datasheet
71Kb / 1P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MB05M YFWDIODE-MB05M Datasheet
82Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifier
MB05M-MBM YFWDIODE-MB05M-MBM Datasheet
276Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifier
MB1M-MBM YFWDIODE-MB1M-MBM Datasheet
556Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Semtech Corporation
DF01M SEMTECH-DF01M Datasheet
155Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE - PHASE - BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com