Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH0077B Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SH0077B
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0077B Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SH0077B Datasheet HTML 1Page - Solid States Devices, Inc SH0077B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0077B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD1502 thru SPD2002
Series
Electrical Characteristic
Symbol
Min
Max
Units
Instantaneous Forward Voltage Drop
(TJ = 25ºC, 300 - 500 µsec pulse)
IF = 0.5A
IF = 1A
IF = 2A
VF1
VF2
VF3
---
---
---
0.78
0.85
0.95
Volts
Instantaneous Forward Voltage Drop
(IF = 1A, 300 - 500 µsec pulse)
TA = -55ºC
TA = 100ºC
VF4
VF5
---
---
1.10
0.78
Volts
Reverse Leakage Current
(VR = Rated VR, TA = 25ºC, 300 µsec min pulse)
IR1
---
100
µA
Reverse Leakage Current
(VR = Rated VR, TA = 100ºC, 300 µsec min pulse)
IR2
---
2
mA
Junction Capacitance
(VR=10 Vdc, TA=25ºC, f=1MHz)
CJ
---
40
pF
Consult manufacturing for operating curves
CASE OUTLINE: Axial Lead
DIMENSIONS
DIM
MIN
MAX
A
0.155”
0.185”
B
0.080”
0.107”
C
1.00”
--
D
0.028”
0.032”
CASE OUTLINE: Surface Mount Round Tab (SM)
DIMENSIONS
DIM
MIN
MAX
A
0.095”
0.105”
B
0.190”
0.210”
C
0.015”
0.025”
D
0.002”
--
CASE OUTLINE: Surface Mount Square Tab (SMS)
DIMENSIONS
DIM
MIN
MAX
A
0.200”
0.235”
B
0.125”
0.135”
C
0.020”
0.030”
D
0.002”
--
Dimensions prior to solder dip



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com