Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH0077B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SH0077B
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0077B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SH0077B Datasheet HTML 1Page - Solid States Devices, Inc SH0077B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0077B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD __
__
__
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
└
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
__ = Axial Leaded
SM = Surface Mount Round Tab
SMS = Surface Mount Square Tab
Family/Voltage
1502 = 150 V
2002 = 200 V
SPD1502 thru SPD2002
Series
2 AMP
150 - 200 VOLTS
SCHOTTKY
RECTIFIER
Features:
PIV to 200 Volts
Extremely Low Forward Voltage Drop
Low Reverse Leakage Current
High Surge Capacity
Possible Replacement for 1N5802 - 1N5806
Series
Hermetically Sealed
For low voltage versions, see data sheet RS0006
TX, TXV, and Space Level Screening Available
2/
Category III metallurgical bond per MIL-PRF-
19500 appendix A
Maximum Ratings
Symbol
Value
Units
Reverse Voltage
SPD1502
SPD2002
VRRM
VRWM
VR
150
200
Volts
Average Rectified Forward Current
(Resistive Load, 60Hz, Sine Wave, TL or TE = 55ºC)
IO
2
Amps
Peak Surge Current
(8.3 ms Pulse, allow junction to reach equilibrium
between pulses, TA = 25
ºC)
IFSM
40
Amps
Operating and Storage Temperature Range
TOP & TSTG
-55 to +150
ºC
Maximum Thermal Resistance
Junction to Lead, L = .25" (Axial Lead)
Junction to End Tab (Surface Mount)
RƟJL
RƟJE
70
50
ºC/W
NOTES:
1/ For ordering information, price, and availability-
Contact factory.
2/ Screening based on MIL-PRF-19500. Screening
flows available on request.
Axial Lead
Surface Mount
Round Tab
Surface Mount
Square Tab


Similar Part No. - SH0077B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0077B SSDI-SH0077B_15 Datasheet
81Kb / 2P
SCHOTTKY RECTIFIER
More results

Similar Description - SH0077B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com