Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH0084A Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SH0084A
Description  SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0084A Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SH0084A Datasheet HTML 1Page - Solid States Devices, Inc SH0084A Datasheet HTML 2Page - Solid States Devices, Inc SH0084A Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0084A
DOC
ELECTRICAL CHARACTERISTICS
Symbol
Typ
Max
Unit
Instantaneous Forward Voltage Drop
(TA = 25
oC, 300-500
sec pulse)
IF = 10ADC
IF = 20ADC
IF = 50ADC
IF = 75ADC
VF1
VF2
VF3
VF4
0.385
0.425
0.525
0.600
--
--
0.630
0.650
VDC
Instantaneous Forward Voltage Drop
(TA = +100
oC, 300-500
sec Pulse)
IF = 10ADC
IF = 20ADC
IF = 50ADC
IF = 75ADC
VF5
VF6
VF7
VF8
0.300
0.350
0.480
0.575
--
--
--
--
VDC
Instantaneous Forward Voltage Drop
(TA = +125
oC, 300-500
sec Pulse)
IF = 10ADC
IF = 20ADC
IF = 50ADC
IF = 75ADC
VF5
VF6
VF7
VF8
0.260
0.330
0.470
0.565
--
--
0.600
--
VDC
Instantaneous Forward Voltage Drop
(TA = +150
oC, 300-500
sec Pulse)
IF = 10ADC
IF = 20ADC
IF = 50ADC
IF = 75ADC
VF5
VF6
VF7
VF8
0.230
0.300
0.450
0.540
--
--
--
--
VDC
Reverse Leakage Current
(Rated VR, 300 sec pulse minimum)
TA = 25
oC
TA = 100
oC
TA = 125
oC
TA = 150
oC
IR1
IR2
IR3
IR4
0.300
40
150
450
5
--
300
--
mA
Junction Capacitance
( TA = 25
oC, f = 1 MHz)
VR = 5VDC
VR = 10VDC
CJ
2500
1750
2600
--
pF
Solid State Devices, Inc.
14701 Firestone Blvd. * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SED75KB45
SED75KE45
SED75KF45



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com