Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH0084A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SH0084A
Description  SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0084A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SH0084A Datasheet HTML 1Page - Solid States Devices, Inc SH0084A Datasheet HTML 2Page - Solid States Devices, Inc SH0084A Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0084A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd. * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information
1/
SED75 __ 45 __
L
Screening
2/
___
= Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
L Configuration
KB = without lead
KE = with lead
KF = with lead reverse
SED75KB45
SED75KE45
SED75KF45
75 AMP
LOW VF
SCHOTTKY RECTIFIER
45 VOLTS
FEATURES:
 Low Reverse Leakage
 Low Forward Voltage Drop
 Hermetically Sealed Power Surface Mount
Package
 Guard Ring for Overvoltage Protection
 Eutectic Die Attach
 175oC Operating Temperature
TX, TXV, and Space Level Screening
Available
2/
MAXIMUM RATINGS
Symbol
Value
Unit
Peak Repetitive Reverse
and DC Blocking Voltage
VRRM
VRWM
VR
45
Volts
Average Rectified Forward Current
(Resistive load, 60 Hz, sine wave, TC = 100
oC)
IO
75
Amps
Peak Surge Current
(8.3 ms pulse, half sine wave superimposed on IO, allow junction to
reach equilibrium between pulses, TA = 25
oC)
IFSM
500
Amps
Operating and Storage Temperature
TOP & Tstg
-55 to +175
oC
Maximum Thermal Resistance
(Junction to Case)
SED75KB45 & SED75KE45
SED75KF45
RJC
0.80
3.80
oC/W
Notes:
1/ For Ordering Information, Price, Operating Curves, and Availability –
Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on
request.
SEDPACK 2
KB Series
KE&KF Series


Similar Part No. - SH0084A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0084A SSDI-SH0084A_15 Datasheet
71Kb / 3P
LOW VF SCHOTTKY RECTIFIER
More results

Similar Description - SH0084A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com