Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVR002 Datasheet(PDF) 3 Page - Solid States Devices, Inc

Part # SVR002
Description  LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR002 Datasheet(HTML) 3 Page - Solid States Devices, Inc

  SVR002 Datasheet HTML 1Page - Solid States Devices, Inc SVR002 Datasheet HTML 2Page - Solid States Devices, Inc SVR002 Datasheet HTML 3Page - Solid States Devices, Inc SVR002 Datasheet HTML 4Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
SVR1085-3.3M, Z, D2, & D3
thru
SVR1085-12M, Z, D2, & D3
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
NOTES:
*
Full Temperature Range
1/
For Ordering Information, Price, and Availability Contact
Factory.
2/
Screening per MIL-PRF-19500.
3/
For Lead Bend Options Request Document # DSB-001 (Available for Download @ ssdi-power.com).
4/
For Package Outlines Request Document # DSA-001. (Available for Download @ ssdi-power.com)
5/
Devices are guaranteed to withstand transient Input Voltage up to 30V. For Input Voltages greater then the maximum operating
Input Voltage some degradation of specifications will occur. For 5V and 12V devices operating at Input/Output differentials greater
then 15V, a minimum external load of 5mA is required to maintain regulation.
6/
See Thermal Regulation specifications for changes in Output Voltage due to the heating effects. Line and Load Regulations are
measured at a constant Junction Temperature by low duty cycle pulse testing. Load Regulation is measured at the Output Lead at
approx. 1/8” from the package.
7/
Line and Load Regulation are guaranteed up to the maximum power dissipation of 30W. Power Dissipation is determined by the
Input/Output differential and the Output Current. Guaranteed maximum power dissipation will not be available over the full Input/
Output range.
8/
Dropout Voltage is specified over the full Output Current range of the Device.
9/
Minimum Load Current is defined as the minimum current required to maintain regulation. At 25V Input/Output differential the
device is guaranteed to regulate if the Output Current is greater than 10mA.
Electrical Characteristics (Continue)
SYMBOL
UNITS
MAX
Thermal Regulation
Ripple Rejection
(f =120Hz, COUT =25
:F,
IOUT = IFULLOAD)
Adjust Pin Current
Adjust Pin Current
Change
Temperature Stability
Long Term Strability
RMS Output Noice
Thermal Resistance
Junction to Case
0.02
--
--
--
--
--
--
120
5.0
--
1.0
--
0.9
3.0
%/W
dB
dB
dB
dB
dB
:A
:A
:A
%
%
%
oC/W
oC/W
IADJ
ªIADJ
ªVOUT
ªT
ªVOUT
ªVtime
en
R2JC
MIN
--
60
60
60
60
54
--
--
--
--
--
--
--
--
SVR1085 -_
SVR1085 -3.3
SVR1085 -3.6
SVR1085 -5
SVR1085 -12
SVR1085 -_
SVR1085 -_
Control Circuitry
Power Transistor
TYP
0.004
75
72
72
68
60
55
--
0.2
0.5
0.3
0.003
--
--
(30 msec Pulse)
(
ªV=3V, CADJ=25:F)
(VIN =6.3V, IOUT =3A)
(VIN =6.6V, IOUT =3A)
(VIN = 8V)
(VIN = 15V)
10mA
#IOUT#IFULLOAD,
1.5V
# ªV # 25V
(10Hz
# f # 10kHz)
25
*
*
*
*
*
25
*
*
*
125
25
to
PIN ASSIGNMENT
PIN 2
PIN 3
Output
PIN 1
FUNCTION
Input
Adjust
Voltage Regulator



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com