Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVR002 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SVR002
Description  LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR002 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SVR002 Datasheet HTML 1Page - Solid States Devices, Inc SVR002 Datasheet HTML 2Page - Solid States Devices, Inc SVR002 Datasheet HTML 3Page - Solid States Devices, Inc SVR002 Datasheet HTML 4Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
SVR1085-3.3M, Z, D2, & D3
thru
SVR1085-12M, Z, D2, & D3
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
FEATURES:
• Eutectic Die Attach
• Superior to LM117 Types
• Complimentary Use with SVR1086 Types
• Fast Switching
• Isolated Hermetically Sealed Power Package
• 150oC Operating Temperature
• Custom Lead Forming Available
• Ceramic Seal Package Available
• Class H or K (Space) Screening Available
• Radiation Tolerant Devices are Available
Designer's Data Sheet
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
SVR0002A
DATA SHEET #:
1.5 Amps
2.85 thru 12Volts
LOW DROPOUT
POSITIVE LINEAR
VOLTAGE REGULATOR
MAXIMUM RATINGS
SYMBOL
UNITS
VALUE
30
V
VIN
Input Voltage 5/
PD
Internally Limited
SVR1085 - 12 D2 DB H --
Part Number /Ordering Information 1/
Screening 2/: _ = Not Screened
H = High Rel Level
K = Space Level
R = Radiation Tolerant
Lead Bend: 3/ _ = Straight
DB = Down Bend
UB = Up Bend
Package: 4/ M = TO-254
Z = TO-254Z
D2 = D2 Pack
D3 = D3 Pack
Voltage:
_
= Variable Voltage
3.3 = 3.3V
3.6 = 3.6V
5
= 5V
12 = 12V
TO-254 (M):
TO-254 (Z):
D2 Pack (D2):
D3 Pack (D3):
Power Dissipation
oC
-65 TO +150
TSTG
Storage Temperature
Control Section
Power Transistor
oC
-55 TO +150
-55 TO +200
TJ
Operating Junction Temperature
20
20
25
35
V
VIN(Op)
ªVIN/OUT
Operating Input Voltage
In-to-Out Differential
SVR1085-3.3 & -3.6
SVR1085 -5
SVR1085-12
SVR1085-_


Similar Part No. - SVR002

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SVR002 SSDI-SVR002 Datasheet
131Kb / 4P
LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
SVR002 SSDI-SVR002_15 Datasheet
131Kb / 4P
LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
More results

Similar Description - SVR002

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2810 SIPEX-SPX2810 Datasheet
94Kb / 13P
1A Low Dropout Positive Linear Regulator
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
1 A Low Dropout Positive Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6084 SSC-SS6084 Datasheet
307Kb / 7P
5A Low-dropout Positive Linear Regulator
logo
Solid States Devices, I...
SVR001 SSDI-SVR001 Datasheet
81Kb / 3P
LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
SVR007B SSDI-SVR007B Datasheet
150Kb / 2P
Low Dropout Positive Adjustable Linear Voltage Regulator
SVR001 SSDI-SVR001_15 Datasheet
81Kb / 3P
LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
SVR002 SSDI-SVR002_15 Datasheet
131Kb / 4P
LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
SVR007B SSDI-SVR007B_15 Datasheet
150Kb / 2P
Low Dropout Positive Adjustable Linear Voltage Regulator
logo
Hangzhou Youwang Electr...
UTC1117 YOUWANG-UTC1117 Datasheet
96Kb / 7P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com