Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVR004 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SVR004
Description  VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR004 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SVR004 Datasheet HTML 1Page - Solid States Devices, Inc SVR004 Datasheet HTML 2Page - Solid States Devices, Inc SVR004 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
SVR1033N, P, E, & B
NOTES:
*
Full Temperature Range
1/
For Ordering Information, Price, and Availability Contact
Factory.
2/
Screening per MIL-STD-883.
3/
For Lead Bend Options Request Document # DSB-001 (Available for Download @ ssdi-power.com).
4/
Unless otherwise specified, these specifications apply:
ªV = 5V and IOUT = 5mA. Power dissipations is internally limited. How-
ever, these specifications apply for power dissipation up to 30W, IMAX = 3A.
5/
Testing is done using a pulsed low duty cycle technique.
Electrical Characteristics 4/
SYMBOL
UNITS
MAX
Reference Voltage
Line Regulation 5/
Load Regulation 5/
(10mA
# IOUT # IMAX)
Thermal Regulation
Ripple Rejection
VOUT = -10V, f=120Hz
Adjust Pin Current
Adjust Pin Current
Change
Minimum Load Current
Current Limit
Temperature Stability
Long Term Strability
RMS Output Noice (% of VOUT)
Thermal Resistance
Junction to Case
-1.262
-1.850
0.015
0.04
50
1.0
75
1.5
.02
--
--
100
2
5
5.0
3.0
6
2.5
1.5
1.0
--
1.6
1.2
V
V
%/V
%/V
mV
%
mV
%
%/W
dB
dB
:A
:A
:A
mA
mA
A
A
%
%
%
oC/W
oC/W
VREF
ªVOUT
ªVIN
ªVOUT
ªIOUT
IADJ
ªIADJ
ISC
ªVOUT
ªT
ªVOUT
ªVtime
en
R2JC
MIN
-1.238
-1.215
--
--
--
--
--
--
--
56
70
--
--
--
--
--
3
0.5
--
--
--
--
--
TYP
-1.250
-1.250
0.005
0.02
10
0.2
20
0.4
.002
66
80
65
0.2
1.0
2.5
1.2
4.3
1.3
0.3
0.003
--
--
ªV = 5V, IOUT = 5mA
5mA
# IOUT # IMAX, 3V#ªV#35V, P#PMAX
3V
#ªV # 35V
VOUT
# 5V
VOUT
$ 5V
VOUT
# 5V
VOUT
$ 5V
10 msec Pulse
CADJ = 0
CADJ = 10
:F
10mA
# IOUT # IMAX
3V
# ªV # 35V
ªV # 35V
ªV # 10V
ªV # 10VDC 5/
ªV = 35V
TMIN
# T # TMAX
T = 1000 Hours
10 Hz
# f # 10 kHz
Package N and Z
Package E and B
to
25
*
25
*
25
25
*
*
25
25
25
*
*
*
25
25
25
25
*
125
25



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com