Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVR004 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SVR004
Description  VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR004 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SVR004 Datasheet HTML 1Page - Solid States Devices, Inc SVR004 Datasheet HTML 2Page - Solid States Devices, Inc SVR004 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
SVR1033N, P, E, & B
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
FEATURES:
• 3A Output over -1.2 to -32V Voltage Range
• Internal Current, Power, and Thermal Limiting
• Eutectic Die Attach
• Replaces LT1033 Types
• Maximum Output Voltage Error of 1%
• Isolated Hermetically Sealed Power Package
• 150oC Operating Temperature
• Custom Lead Forming Available
• Ceramic Seal Package Available
• Class H or K (Space) Screening Available
Designer's Data Sheet
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
SVR004A
DATA SHEET #:
3 Amp
NEGATIVE ADJUSTABLE
LINEAR
VOLTAGE REGULATOR
MAXIMUM RATINGS
SYMBOL
UNITS
VALUE
35
V
ªVIN/OUT
Input to Output Voltage Differential
PD
Internally Limited, 30
SVR1033 N DB H
Part Number /Ordering Information 1/
Screening 2/: _ = Not Screened
H = High Rel Level
K = Space Level
R = Radiation Tolerant
Lead Bend: 3/ _ = Straight
DB = Down Bend
UB = Up Bend
Package: N = TO-254
P = TO-254Z
E = MilPack I
B = MilPack II
TO-259 (P):
MilPack I (E):
Power Dissipation 4/
oC
-65 TO +150
TSTG
Storage Temperature
oC
-55 TO +150
TJ
Operating Junction Temperature
TO-258 (N):
MilPack II (B):
W
3A
IMAX
Maximum Current
PIN ASSIGNMENT
PIN 2
PIN 3
Output
PIN 1
FUNCTION
Input
Adjust
Voltage Regulator


Similar Part No. - SVR004

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SVR004 SSDI-SVR004_15 Datasheet
101Kb / 3P
NEGATIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
More results

Similar Description - SVR004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC10XX ETC-SC10XX Datasheet
166Kb / 9P
VOLTAGE REGULATOR
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274 Datasheet
217Kb / 12P
Voltage Regulator
Rev. 2.1, 2004-01-01
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
VOLTAGE REGULATOR
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
VOLTAGE REGULATOR
R200LD10 ETL-R200LD10 Datasheet
394Kb / 8P
VOLTAGE REGULATOR
logo
Texas Instruments
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
Voltage Regulator
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com