Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVR005 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SVR005
Description  FIXED LOW DROPOUT LINEAR VOLTAGE REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR005 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SVR005 Datasheet HTML 1Page - Solid States Devices, Inc SVR005 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLID STATE DEVICES, INC.
SVR1118
SERIES
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
FEATURES:
• Replacement for LT1118 Types
• Eutectic Die Attach
• Regulates While Sourcing or Sinking Current
• Ultra Low Power Shutdown Mode
• Stable for Any CLOAD > 0.22
:F
• Fast Settling Time
• Isolated Hermetically Sealed Power Package
• High Thermally Conductive Package
• Reduced Heatsinking Required
• 150oC Operating Temperature
• Custom Lead Forming Available
• Class H or K (Space) Screening Available
• Radiation Tolerant Devices are Available
Designer's Data Sheet
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
SVR005A
DATA SHEET #:
800 mAmps /2.5 thru 5Volts
FIXED LOW DROPOUT
LINEAR VOLTAGE
REGULATOR
MAXIMUM RATINGS
SYMBOL
UNITS
VALUE
-0.2 to 7
V
VIN
Input Voltage
VCC
15
SVR1118 - 2.5 J DB H
Part Number /Ordering Information 1/
Screening 2/: _ = Not Screened
H = High Rel Level
K = Space Level
R = Radiation Tolerant
Lead Bend: 3/ _ = Straight
DB = Down Bend
UB = Up Bend
Z
= Z Bend
Package: 4/ J = TO-257
G = CerPack
S.5 = SMD.5
-28= LCC 28
Voltage:
2.5 = 2.5V
2.85= 2.85V
5
= 5V
TO-257 (J):
CerPack (G):
SMD.5 (S.5):
LCC 28 (-28):
Supply Voltage
V
VOUT
-0.2 to VCC + 0.5
V
TOP
-55 to +150
oC
Operating Temperature
TSTG
-65 to +150
oC
Storage Temperature
PIN ASSIGNMENT
Gnd
PACKAGE
Pin 2
Pin 1
TO-257 (J)
Base
Pin 1
CerPack (G)
Pin 1
Pin 2
SMD.5 (S.5)
Vin
Pin 3
Pin 2
Pin 3
Vout
FOR PACKAGE OUTLINE REQUEST FOLLOWING DOCUMENTS
PACKAGE
DOCUMENT
TO-257 (J, JDB, JUB)
60-0149-504
CerPack (G, GZB)
60-0149-366
SMD.5 (S.5)
60-0149-507
LCC28 (-28)
60-0149-342
5 - 11
1, 15 - 28
LCC 28 (-28)
2, 3, 13, 14
Output Voltage


Similar Part No. - SVR005

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SVR005 SSDI-SVR005_15 Datasheet
74Kb / 2P
FIXED LOW DROPOUT LINEAR VOLTAGE REGULATOR
More results

Similar Description - SVR005

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42754 INFINEON-TLE42754 Datasheet
406Kb / 24P
Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, May 2008
TLE42754 INFINEON-TLE42754_08 Datasheet
503Kb / 26P
Low Dropout Linear Fixed Voltage Regulator
Rev. 1.1, September 2008
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
Low Dropout 600mA Fixed Voltage Linear Regulator
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
Low Dropout 600mA Fixed Voltage Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A_15 Datasheet
148Kb / 9P
Fixed Low Dropout Linear Regulator
logo
Solid States Devices, I...
SVR005 SSDI-SVR005_15 Datasheet
74Kb / 2P
FIXED LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLF80511EJ INFINEON-TLF80511EJ_15 Datasheet
1Mb / 20P
Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-11-17
TLF80511TF INFINEON-TLF80511TF Datasheet
1Mb / 20P
Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-01-28
TLF80511TC INFINEON-TLF80511TC Datasheet
1Mb / 15P
Low Dropout Linear Fixed Voltage Regulator
Rev. 1.01, 2016-06-21
TLF80511 INFINEON-TLF80511 Datasheet
1Mb / 15P
Low Dropout Linear Fixed Voltage Regulator
Rev. 1.01, 2016-06-21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com