Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1D Datasheet(PDF) 1 Page - General Semiconductor

Part # ES1D
Description  SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

ES1D Datasheet(HTML) 1 Page - General Semiconductor

  ES1D Datasheet HTML 1Page - General Semiconductor ES1D Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4/98
ES1A THRU ES1D
SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
Reverse Voltage - 50 to 200 Volts
Forward Current - 1.0 Ampere
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ For surface mount applications
♦ Low profile package
♦ Ideally suited for use in
very high frequency switching power supplies,
inverters and as a free wheeling diodes
♦ Ultrafast recovery times for high efficiency
♦ Low forward voltage
♦ Low leakage current
♦ Glass passivated chip junction
♦ High temperature soldering guaranteed:
250°C/10 seconds on terminals
MECHANICAL DATA
Case: JEDEC DO-214AC molded plastic body over
passivated chip
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Weight: 0.002 ounces, 0.064 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
ES1A
ES1B
ES1C
ES1D
UNITS
Device marking code
EA
EB
EC
ED
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
Volts
Maximum RMS voltage
VRMS
35
70
105
140
Volts
Maximum DC blocking voltage
VDC
50
100
150
200
Volts
Maximum average forward rectified current
at TL=120°C
I(AV)
1.0
Amp
Peak forward surge current
8.3ms single half sine-wave superimposed on
IFSM
30.0
Amps
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 0.6A
0.865
at
1.0A
VF
0.920
Volts
Maximum DC reverse current
TA=25°C
5.0
at rated DC blocking voltage
TA=100°C
IR
100
µA
Maximum reverse recovery time (NOTE 1)
trr
15.0
ns
Maximum reverse recovery time
TA=25°C
25.0
(NOTE 2)
TA=100°C
trr
35.0
ns
Maximum stored charge
TA=25°C
10.0
(NOTE 2)
TA=100°C
Qrr
25.0
nC
Typical junction capacitance (NOTE 3)
CJ
7.0
pF
Maximum thermal resistance (NOTE 4)
R
ΘJA
85.0
°C/W
R
ΘJL
35.0
Operating and storage temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) trr and Qrr measured at: IF=0.6A, VR=30V, di/dt=50A/
µs, Irr =10% IRM for measurement of trr
(3) Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
(4) P.C.B. mounted on 0.2 x 0.2” (5.0 x 5.0mm) copper pad area
0.157 (3.99)
0.177 (4.50)
0.006 (0.152)
0.012 (0.305)
0.030 (0.76)
0.060 (1.52)
0.008 (0.203) MAX.
0.194 (4.93)
0.208 (5.28)
0.100 (2.54)
0.110 (2.79)
0.078 (1.98)
0.090 (2.29)
0.049 (1.25)
0.065 (1.65)
DO-214AC
Dimensions in inches and (millimeters)


Similar Part No. - ES1D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1D PANJIT-ES1D Datasheet
63Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
NXP Semiconductors
ES1D PHILIPS-ES1D Datasheet
59Kb / 12P
SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
ES1D PHILIPS-ES1D Datasheet
52Kb / 8P
Ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
ES1D SURGE-ES1D Datasheet
83Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes?
logo
Transys Electronics
ES1D TRSYS-ES1D Datasheet
184Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
More results

Similar Description - ES1D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ES3A GE-ES3A Datasheet
68Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
ES3F GE-ES3F Datasheet
74Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
US1A GE-US1A Datasheet
85Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Guangdong Kexin Industr...
KS1A KEXIN-KS1A Datasheet
43Kb / 1P
Surface Mount Ultrafast Efficient Plastic Rectifier
logo
Bruckewell Technology L...
ES2A BWTECH-ES2A Datasheet
273Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
ES2A-2J BWTECH-ES2A-2J Datasheet
273Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
ES1A-1J BWTECH-ES1A-1J Datasheet
273Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
ES1A_J BWTECH-ES1A_J Datasheet
431Kb / 4P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
ES2A_J BWTECH-ES2A_J Datasheet
394Kb / 4P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
ES1000FL BWTECH-ES1000FL Datasheet
630Kb / 4P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com