Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1D Datasheet(PDF) 2 Page - General Semiconductor

Part # ES1D
Description  SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

ES1D Datasheet(HTML) 2 Page - General Semiconductor

  ES1D Datasheet HTML 1Page - General Semiconductor ES1D Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
80
90
100
110
120
130
140
150
0
0.2
0.4
0.6
0.8
1.0
1.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.01
0.1
1
10
50
0.1
1
10
100
0
2.0
4.0
6.0
8.0
10
12
14
110
100
5.0
10
15
20
25
30
0
0.1
1
10
100
1
10
100
020
40
60
80
100
0.01
0.1
1
10
100
1,000
RATINGS AND CHARACTERISTIC CURVES ES1A THRU ES1D
FIG. 1 - MAXIMUM FORWARD CURRENT
DERATING CURVE
LEAD TEMPERATURE, °C
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 HZ
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE LEAKAGE
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method) at TL=120°C
TJ=125°C
TJ=85°C
TJ=25°C
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
TJ=25°C
f=1.0 MHZ
Vsig=50mVp-p
RESISTIVE OR
INDUCTIVE LOAD
0.2 x 0.2” (5.0 x 5.0mm)
COPPER PAD AREAS
FIG. 5 - TYPICAL THERMAL IMPEDANCE
MOUNTED on 0.2 x 0.2”(5 x 7mm)
COPPER PAD AREAS
t, PULSE DURATION, SEC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com