Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC721 Datasheet(PDF) 1 Page - C&K Components

Part # KSC721
Description  Sealed Tact Switch for SMT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC721 Datasheet(HTML) 1 Page - C&K Components

  KSC721 Datasheet HTML 1Page - C&K Components KSC721 Datasheet HTML 2Page - C&K Components KSC721 Datasheet HTML 3Page - C&K Components KSC721 Datasheet HTML 4Page - C&K Components KSC721 Datasheet HTML 5Page - C&K Components KSC721 Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
B–35
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ck-components.com
B
9 Apr 14
LFS Lead free compatible, silver plated.
LFG Lead free compatible, gold plated.
KSC Series
Sealed Tact Switch for SMT
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
For any part number different from those listed above, please consult your local representative.
Features/Benefits
• Positive tactile feeling
• J or G terminations
• Tape & reel
• IP 67
Mechanical
Specification
FUNCTION: Momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
TERMINALS: J bend & Gullwing type for SMT
A detect switch version is available KSC4D1J and KSC4D1G.
Please see Detect chapter.
For other versions, please refer to KSC5, KSC9, KSC4V and
KSC-ST datasheets.
Actuator
1 Without, H=2,5 mm
2 Soft, H=3,5 mm
3 Hard, H=3,5 mm
4 Soft, H=5,2 mm
6 Hard, H=7,7 mm
7 Soft, H=4,3 mm****
8 Hard, H=4,9 mm
K S C
Operating Force
0 1.2 N (120 grams)
1 1.4 N (140 grams)
2 1.6 N / 1.7 N *
(160/170 grams)
4 3 N / 4 N *
(300/400 grams)
5 5.5 N (550 grams)
6 4.5 N / 8.0
(450/800 grams)
Contact Material
Operating life
1 Silver
2 Silver long life
3 Gold
4 Gold long life
Termination
J J bend
G Gull wing
Operating
Operating
Type
force FA
life
Travel
(Newtons)
(operations)
(mm)
Min/Max
KSC121J
1.2 / 2.5
200,000
0.3 ± 0.15
KSC141J
2.25 / 3.75
200,000
0.3 ± 0.15
KSC151J
4.1 / 6.9
100,000
0.35 ± 0.15
KSC201J
0.9 / 2.0
300,000
0.3 +0.2 /-0.15
KSC221J
1.5 / 2.5
500,000
0.35 +0.3 /-0.1
KSC222J
1.5 / 2.5
1,000,000
0.35 +0.3 /-0.1
KSC241J
2.6 / 4.4
300,000
0.5 ± 0.2
KSC251J
4.1 / 7.0
300,000
0.5 ± 0.2
KSC321J
1.6 / 2.4
300,000
0.2 +0.3 /0
KSC341J
2.25 / 3.75
300,000
0.2 +0.3 /0
KSC351J
4.0 / 6.0
100,000
0.25 +0.3 /0
KSC401J 50SH
0.9 / 2.0
5,000,000
0.5 ± 0.25
KSC411J 70SH
1.05 / 1.75
1,000,000
0.35 ± 0.20
KSC421J 70SH
1.25 / 2.12
300,000
0.5 ± 0.25
KSC422J 70SH
1.25 / 2.12
1,000,000
0.5 ± 0.25
KSC441J 70SH
3.0 / 5.0
300,000
0.75 ± 0.25
KSC442J 70SH
3.0 / 5.0
1,000,000
0.75 ± 0.25
KSC621J
1.0 / 1.65
300,000
0.5 ± 0.2
KSC641J
2.25 / 3.75
300,000
0.5 ± 0.2
KSC721 J
1.7 / 2.8
300,000
0.3 ± 0.15
KSC741J
2.9 / 4.9
300,000
0.4 ± 0.20
KSC821JLFS
2.4 / 3.9
300,000
0.65 ± 0.2
Typical Applications
• Automotive
• Cellular phones
• Industrial electronics
• Network infrastructure and IT
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA*
1 mA
DIELECTRIC STRENGTH (50 Hz, 1 min.): 250 V
CONTACT RESISTANCE: < 100 m
Ω
INSULATION RESISTANCE (100 V): > 109
Ω
BOUNCE TIME: < 1 ms
* Ultra low current with 1µA version are available upon request for
KSC2 and KSC4
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
SOLDERING: Depending on the application, this component is
suited to the following methods:
– Terminals being silver or gold plated over a nickel barrier, the
use of slightly activated flux is suitable.
– Soldering on double wave machine for vertical versions:
soldering time < 5 sec.
– Cleaning according to typical washing processes.
– Infrared Reflow Soldering in accordance with IEC 61760-1.
Packaging
KSC1, KSC2 and KSC3 are delivered on continuous tape and reels of
2,000 pieces, KSC4 in reels of 1,000 pieces. KSC 6 in reels of 750
pieces. KSC7 in reels of 1,000 pieces. Dimensions of reels according
to EIA RS481 or IEC 60286-3. External diameter 330 mm ± 2 mm.
NOTE: Specifications listed above are for switches with standard options.
Other versions in terms of force, termination length and corrosion protection available.
Please contact your sales representative.
This data sheet does not provide enough information for applications which require a
certain level of quality or safety such as automotive, medical systems, safety equipment.
Please contact your sales representative to get contractual specification package.
*
See Mechanical chart above to confirm specifications
**
Applies to KSC401J50SH only
*** Applies to KSC 411J70SH, KSC421J70SH,KSC441J70SH
**** KSC7 offered with blue actuator as standard
***** Other actuator materials are available, please refer to
KSC-ST datasheet
S H
Rubber Hardness Indication*****
50 Shore**
70 Shore***


Similar Part No. - KSC721

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC721 CK-COMPONENTS-KSC721 Datasheet
299Kb / 6P
KSC Series Sealed Tact Switch for SMT
KSC721-J CK-COMPONENTS-KSC721-J Datasheet
273Kb / 6P
Sealed Tact Switch for SMT
KSC721G-LFS CK-COMPONENTS-KSC721G-LFS Datasheet
299Kb / 6P
Sealed Tact Switch for SMT
KSC721G50LFG CK-COMPONENTS-KSC721G50LFG Datasheet
299Kb / 6P
Sealed Tact Switch for SMT
KSC721G50LFS CK-COMPONENTS-KSC721G50LFS Datasheet
299Kb / 6P
Sealed Tact Switch for SMT
More results

Similar Description - KSC721

ManufacturerPart #DatasheetDescription
logo
Analog Devices
KSC222J-LFS AD-KSC222J-LFS Datasheet
299Kb / 6P
Sealed Tact Switch for SMT
logo
C&K Components
KSC721G-LFS CK-COMPONENTS-KSC721G-LFS Datasheet
299Kb / 6P
Sealed Tact Switch for SMT
KSC241GLFS CK-COMPONENTS-KSC241GLFS Datasheet
273Kb / 6P
Sealed Tact Switch for SMT
KSC241JLFS CK-COMPONENTS-KSC241JLFS Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
logo
ITT Industries
KSC621G ITT-KSC621G Datasheet
250Kb / 5P
Sealed Tact Switch for SMT
logo
C&K Components
KSC243JLFG CK-COMPONENTS-KSC243JLFG Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC341JLFS CK-COMPONENTS-KSC341JLFS Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC201 CK-COMPONENTS-KSC201 Datasheet
101Kb / 1P
Sealed Tact Switch for SMT
KSC CK-COMPONENTS-KSC_V01 Datasheet
423Kb / 3P
Sealed Tact Switch for SMT
KSC CK-COMPONENTS-KSC_V02 Datasheet
1Mb / 22P
Sealed Tact Switch for SMT
26 May 22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com