Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC721 Datasheet(PDF) 2 Page - C&K Components

Part # KSC721
Description  Sealed Tact Switch for SMT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC721 Datasheet(HTML) 2 Page - C&K Components

  KSC721 Datasheet HTML 1Page - C&K Components KSC721 Datasheet HTML 2Page - C&K Components KSC721 Datasheet HTML 3Page - C&K Components KSC721 Datasheet HTML 4Page - C&K Components KSC721 Datasheet HTML 5Page - C&K Components KSC721 Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
B–36
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ck-components.com
B
9 Apr 14
+0,3
6,2 0
ø 2
4˚ max
R0,2
smooth surface
+0,3
6,2 0
2,
+0,3
6,2 0
ø 2,8
+0,3
6,2 0
ø 4,7
ø 2,9
ACTUATOR
KSC4 SOFT, 5,2 mm HIGH
KSC7 SOFT, 4,3 mm HIGH, BLUE ACTUATOR
KSC1 WITHOUT, 2.5 mm HIGH
KSC Series
Sealed Tact Switch for SMT
KSC2 SOFT, 3,5 mm HIGH
KSC3 HARD, 3,5 mm HIGH
+0,3
6,2 0
ø 2,9
KSC6 HARD, 7,7 mm HIGH
NOTE: Soft material available are
silicon 50 SH / 70 SH and EPDM,
please refer to KSC-ST datasheet.
+0,3
6,2 0
ø 3
KSC8 HARD, 4,9 mm HIGH
ø 2,96
ø 4,7
+0,3
6,2 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com