Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD210 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # ESD210
Description  Output Interface UART, Compliant Bluetooth stack v1.2-improved AFH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

ESD210 Datasheet(HTML) 1 Page - DB Lectro Inc

  ESD210 Datasheet HTML 1Page - DB Lectro Inc ESD210 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OEM Bluetooth-Serial Module,
ESD100/110/200/210
· Output Interface UART, Compliant Bluetooth stack v1.2-improved
AFH(Adaptive Frequency Hopping), Fast connection
· Transmit Power - ESD100/110 : Max. +18dBm
ESD200/210 : Max. +4dBm
· Receiving Sensitivity - ESD100/110 : -88dBm(0.1%BER)
ESD200/210 : -80dBm(0.1%BER)
· Antenna gain - Chip : 0dBi, Stub : +2dBi, Dipole : +3dBi, Patch : +9dBi
· Compact size - ESD100 : 27.5 x 30 x 14(mm)
ESD110 : 27.5 x 27.7 x 14(mm)
ESD200/210 :18 x 20 x 11.7(mm)
· Provides transparent RS232 serial cable replacement.
· Supports Bluetooth Serial Port Profile.
· Interoperability with PDA, laptops etc.
· Built-in chip antenna included
· Supports firmware upgrade via windows-based software
(ParaniUpdater)
· Working distance(In an open field)
- Parani-ESD100 : Class 1, Nom. 100 meters
- Parani-ESD110 : Class 1, Nom. 100 meters,
up to 1000m using patch antenna
- Parani-ESD200 : Class 2, Nom. 30meters
- Parani-ESD210 : Class 2, Nom. 30meters,
up to 300m using patch antenna
· Easy to use Windows configuration tool available.
· No external drivers required.
Pin Assignment Information
www.sena.com
Parani-ESD Series is OEM Bluetooth-Serial Module type
product line based on Bluetooth technology. Parani-ESD Series is
designed for integration into user devices by on-board installation.
They are connected to the device via built-in UART interface and
communicate with other Bluetooth device.
Parani-ESD Series enables RS232-based serial devices to
communicate wirelessly throughout the range of 30m~300m(Parani-
ESD210-Class 2) or 100m~1000m(Parani-ESD110-Class 1).
Parani-ESD100/200 has a built-in on-board antenna and Parani-
ESD110/210 has an antenna connector for connecting external
antenna. Users can extend Bluetooth communication range by
connecting the external antenna to antenna connector.
Users may configure the Parani-ESD Series by using easy-to-use
Windows-based utility software or by using standard AT command
set.
Typical application areas of the Parani-ESD Series include :
- RS232 cable replacement
- Truck/Bus monitoring system
- Car Diagnostics
- Wireless POS system
- Wireless machine(healthcare/industrial) monitoring
Features
Pairing
Parani-ESD100/110
Parani-ESD200/210
- Wireless Factory monitoring
- PLC programming
- Wireless Printing
- Wireless logistics


Similar Part No. - ESD210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESD210 ETC-ESD210 Datasheet
921Kb / 2P
Bluetooth-serial Module
More results

Similar Description - ESD210

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DLBM-CS222 DELTA-DLBM-CS222 Datasheet
82Kb / 9P
Wireless communication module compliant with Bluetooth Specification V1.2.
logo
HANAMICRON
HBM2X1M HANAMICRON-HBM2X1M Datasheet
211Kb / 18P
Bluetooth V1.2 Class 2 Module
HBM1X1M HANAMICRON-HBM1X1M Datasheet
229Kb / 17P
Bluetooth V1.2 Class 1 Module
logo
Delta Electronics, Inc.
DFBM-CR120 DELTA-DFBM-CR120 Datasheet
54Kb / 6P
Wireless communication module compliant with Bluetooth Specification V1.2
DFBM-CR220 DELTA-DFBM-CR220 Datasheet
56Kb / 7P
Bluetooth Module Class 2 Wireless communication module compliant with Bluetooth Specification V1.2
logo
DB Lectro Inc
ESD100V2 DBLECTRO-ESD100V2 Datasheet
396Kb / 2P
Output Interface UART, Bluetooth Specification
ESD110V2 DBLECTRO-ESD110V2 Datasheet
379Kb / 2P
Output Interface UART, Bluetooth Specification
ESD200 DBLECTRO-ESD200 Datasheet
720Kb / 2P
Output Interface UART, Compliant Bluetooth stack v1.2-improved
logo
Axiomtek Co., Ltd.
Q7M110-110-EVK AXIOMTEK-Q7M110-110-EVK Datasheet
246Kb / 1P
High flexibility Qseven v1.2 compliant design
logo
Realtek Semiconductor C...
RTL8761ATT-CG REALTEK-RTL8761ATT-CG Datasheet
1Mb / 26P
BLUETOOTH 2.1/3.0/4.0/4.1/4.2 CONTROLLER, UART INTERFACE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com