Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD210 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # ESD210
Description  Output Interface UART, Compliant Bluetooth stack v1.2-improved AFH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

ESD210 Datasheet(HTML) 2 Page - DB Lectro Inc

  ESD210 Datasheet HTML 1Page - DB Lectro Inc ESD210 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OEM Bluetooth-Serial Module,
ESD100/110/200/210
ESD100 Parani-ESD100 OEM Bluetooth-Serial Module-Class1 with Built-in chip antenna
ESD200 Parani-ESD200 OEM Bluetooth-Serial Module-Class2 with Built-in chip antenna
ESD100-01, ESD200-01
Includes : Embedded On-board Antenna
ESD110 Parani-ESD110 OEM Bluetooth-Serial Module-Class1 with antenna extension option
ESD210 Parani-ESD210 OEM Bluetooth-Serial Module-Class2 with antenna extension option
ESD110-00, ESD110-01, ESD210-00, ESD210-01
ESD110-00 and ESD210-00 : Module only - antenna and cable NOT included
ESD110-01 and ESD210-01 Includes :
- SAT : Parani-SAT Stub Antenna-SMA Male-Left Handed
- EEC : Parani-EEC 15cm Antenna Extension Cable
Optional Accessories :
- DAT : Parani-DAT Dipole Antenna-SMA Male-Left Handed
- PAT : Parani-PAT Patch Antenna-SMA R/A Female-Right Handed
- SLR : SMA-Male left handed to right handed adapter
- RFC : Parani-RFC 1m Antenna Extension Cable for Patch antenna
Parani-ESD100SK Starter Kit for Parani-ESD100
Parani-ESD110SK Starter Kit for Parani-ESD110
Parani-ESD200SK Starter Kit for Parani-ESD200
Parani-ESD210SK Starter Kit for Parani-ESD210
Includes :
- Any one of the following modules : ESD100, ESD110, ESD200, ESD210
- Jig board
- DC Power Adapter
- Serial data cable
- CD-ROM
Ordering Information
U.S. / Canada / South America
Tel : +1 (408) 573-7425 Fax : +1 (408) 907-3738
Toll Free (US/Canada): 1-8668-US-SENA (1-866-887-7362)
EU / Africa
Tel : +33 (0) 1 53 53 16 29 Fax : +33 (0) 1 70 24 70 90
Asia / Pacific
Tel : +82-2-571-8283 Fax : +82-2-573-7710
Contact us via E-mail
General Information : info@sena.com
Sales & Distribution : sales@sena.com
Technical Support : support@sena.com
www.sena.com
Specifications
Serial Interface
-
Parani-ESD100/110
· UART Interface, 2.54mm Header 2x6, 1200bps to 230 Kbps
· CTS/RTS flow control : Default
· DTR/DSR for loop-back & full transfer
-
Parani-ESD200/210
· UART Interface, 2.54mm Header 1x4x2, 1200bps to 230 Kbps
· CTS/RTS flow control : Default
Bluetooth Interface
-
Parani-ESD100/110
· Bluetooth v1.2
· Class 1
· Level - 18 dBm
· Protocols - RFCOMM, L2CAP, SDP
· Profiles - General Access Profile, Serial Port Profile
· Working distance
ESD100 :
Nominal 100 meters
ESD110 :
Default Antenna - Default Antenna 100 meters
Default Antenna - Dipole Antenna 150 meters
Dipole Antenna - Dipole Antenna 200 meters
Patch Antenna - Dipole Antenna 400 meters
Patch Antenna - Patch Antenna 1,000 meters
-
Parani-ESD200/210
· Bluetooth v1.2
· Class 2
· Level - Max. 4 dBm
· Protocols - RFCOMM, L2CAP, SDP
· Profiles - General Access Profile, Serial Port Profile
· Working distance
ESD200 :
Nominal 30 meters
Bluetooth Interface
ESD210 :
Default Antenna - Default Antenna 30 meters
Default Antenna - Dipole Antenna 50 meters
Dipole Antenna - Dipole Antenna 80 meters
Patch Antenna - Dipole Antenna 150 meters
Patch Antenna - Patch Antenna 300 meters
Configuration: ParaniWin, ParaniWizard, Modem AT command set
Firmware Update: ParaniUpdater
Power
-
3.3VDC
-
Nominal current consumption
· ESD100/110 : 70mA @ 3.3VDC approximately
· ESD200/210 : 40mA @ 3.3VDC approximately
Environmental
-
Operating temperature : -10˚C to 55˚C
-
Storage temperature : -20˚C to 70˚C
-
Humidity : 90% Non-condensing
Physical properties
-
Parani-ESD100 :
-
Parani-ESD110 :
-
Parani-ESD200/210 :
27.5 x 30 x 14(mm),
27.5 x 27.7 x 14(mm),
18 x 20 x 11.7(mm)
1.08 x 1.18 x 0.55(in.)
1.08 x 1.09 x 0.55(in.)
0.7 x 0.78 x 0.47(in.)
-
Weight : ESD100 - 7g / ESD110 - 17g / ESD200 - 4g / ESD210 - 14g
MTBF
-
Parani-ESD100 : 136.73 Years / Parani-ESD110 : 137.1 Years
-
Parani-ESD200 : 556.53 Years / Parani-ESD210 : 562.74 Years
Approvals: FCC, CE
Warranty: 1-year limited warranty
Parani-ESD Starter Kit
Parani-ESD Starter Kit includes the evaluation board with the sample circuitry
for Parani-ESD100/110/200/210 interface, power, RS232 Interface, Reset,
LEDs, Pairing, H/W flow control for user device development.
RS232
Power Input
Power Switch
H/W Flow Control Switch
Pairing Button
Factory Reset Button
LEDs Set
ESD100/110
Interface
ESD200/210
Interface
For more information,
please visit us at http://www.sena.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com