Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS110 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # PS110
Description  Connects legacy serial devices to 10/100Base-T Ethernet network
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

PS110 Datasheet(HTML) 1 Page - DB Lectro Inc

  PS110 Datasheet HTML 1Page - DB Lectro Inc PS110 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Serial Device Server,
HelloDevice Pro Series,
PS110/410/810
- Connects legacy serial devices to 10/100Base-T
Ethernet network
- Supports surge protector for RS232/422/485
interface, up to 230Kbps speed
- Flexible TCP/UDP host mode support: Multiple host
connection/data transfer
- Encryption key based algorithm support
- System logging & port logging
- Dynamic DNS protocol for broadband Internet
connection
- Configuration via Web, Telnet/SSH, Windows Utility
or console
- Supports both wall and DIN-Rail style mounting
- Supports RFC 2217, Telnet COM Port Control
Protocol
www.sena.com
The Linux-based PS110/410/810 is a Universal 1/4/8
port device server that allows your legacy serial devices manageable
by 10/100Mbps Ethernet network. Users can feel safe applying the
PS110/410/810 in real world applications, since all models are equipped
with surge protectors for serial ports.
Included features are full-featured system management functionality
of system status display, firmware upgrade, remote reset and system
log display by using various accessibility options such as, telnet,
serial console port or web. For critical applications of secure data
communication, the PS110/410/810 supports SSL for data encryption.
It also supports telnet COM port control protocol, i.e. RFC2217 which
enables user devices to deliver the pin status information to the serial
application. In modem emulation mode, the unit accepts modem AT
commands on the serial port and establishes a secure network connection
to the end device, providing a cost-effective solution by eliminating
dedicated modems and phone lines.
The PS110/410/810 is the ideal solution for the users who are looking for
the cost-effective, most secure, scalable linux-based serial device servers
for their RS232/422/485 serial devices.
Features
Panel Layout
Serial mode Switch
Indicator lamps
Serial
Data/Console
Indicators
Serial mode Switch
Locking-type Power Input
Locking-type
Power Input
Ethernet 10/100
Ethernet 10/100
AC Power Input
Power Switch
Console
Console
PS110
PS410
PS810


Similar Part No. - PS110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS1100 ETC2-PS1100 Datasheet
138Kb / 2P
Electronic Pressure Switch
logo
GOOD-ARK Electronics
PS1100 GOOD-ARK-PS1100 Datasheet
449Kb / 4P
Surface Mount Schottky Rectifier
logo
List of Unclassifed Man...
PS11001 ETC1-PS11001 Datasheet
254Kb / 3P
Patch Lead - CAT 5E
logo
Pro-Signal
PS11001 PROSIGNAL-PS11001 Datasheet
421Kb / 2P
Patch Lead - CAT 5E
10/12/19 V1.2
logo
List of Unclassifed Man...
PS11002 ETC1-PS11002 Datasheet
254Kb / 3P
Patch Lead - CAT 5E
More results

Similar Description - PS110

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST6122 BOTHHAND-16ST6122 Datasheet
109Kb / 1P
10/100BASE-T ETHERNET ISOLATION TRANSFORMER
16ST6129 BOTHHAND-16ST6129 Datasheet
113Kb / 1P
10/100BASE-T ETHERNET ISOLATION TRANSFORMER
logo
M/A-COM Technology Solu...
MABA-010051-CF1A41 MA-COM-MABA-010051-CF1A41 Datasheet
148Kb / 4P
Transformer, 10/100BASE-T Ethernet Transformer
logo
DB Lectro Inc
MSP1000 DBLECTRO-MSP1000 Datasheet
321Kb / 2P
Connects Bluetooth devices to 10/100 base-T Ethernet
PS110B DBLECTRO-PS110B Datasheet
359Kb / 2P
Connects legacy serial devices to 10/100Base-T
PS110W DBLECTRO-PS110W Datasheet
468Kb / 2P
Connects legacy serial devices to 802.11b/g Wi-Fi or 10/100Base-T
STS400 DBLECTRO-STS400 Datasheet
344Kb / 2P
Connects legacy serial devices to 10/100Base-T Ethernet network.
logo
Assmann Electronics Inc...
DA-70159 ASSMANN-DA-70159 Datasheet
263Kb / 2P
Connects up to four serial devices simultaneously via USB-Port to a PC
logo
M/A-COM Technology Solu...
MABA-010655-CF1A40 MA-COM-MABA-010655-CF1A40_15 Datasheet
681Kb / 4P
Transformer, 10/100BASE-T Ethernet Transformer
logo
XFMRS Inc.
XFGIB100JM-CLXU1-2MS XFMRS-XFGIB100JM-CLXU1-2MS Datasheet
101Kb / 2P
10/100BASE-T COMBO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com