Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS110 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # PS110
Description  Connects legacy serial devices to 10/100Base-T Ethernet network
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

PS110 Datasheet(HTML) 2 Page - DB Lectro Inc

  PS110 Datasheet HTML 1Page - DB Lectro Inc PS110 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Serial Interface
- Serial speeds 75bps to 230kbps
- DB9 connector
- Flow Control : H/W and S/W
- Signals : RS232 / Rx,Tx,RTS,CTS,DSR,DTR,DCD,GND
RS422 / Tx+,Tx-,Rx+,Rx-,RTS+,RTS-,CTS+,CTS-
RS485 / 2/4-wire
- Surge protector equipped for each serial port
Network Interfaces
- 10/100 Base-T Ethernet with RJ45 Ethernet connector
- Supports static and dynamic IP address
Protocols
- ARP, IP/ICMP, TCP, UDP
- Telnet/SSH
- DNS, Dynamic DNS, HTTP, SMTP, DHCP,
- SNMP v1 & v2, SSL v3
- Serial Port Access protocol : TCP, UDP, SSL v3, RFC-2217
Ethernet modem
- Full AT command set support
Security
- SSH, SSL, HTTPS
- IP address filtering
- Data Encryption
Management
- Web, Console, Telnet / SSH
- HelloDevice Manager software
O/S support : Windows 98/ME/NT/2000/XP
Logging
- Versatile system logging support for all system events
- Serial port data logging
Firmware
- Upgrade using console, telnet/SSH and web
Diagnostic LED
- PS110 : Power, Link, Serial Rx/Tx for each serial port
- PS410 : Power, Link, Act, Serial Rx/Tx for each serial port
- PS810 : Power, Ready, Link, Act, Serial Rx/Tx for each
serial port
Power
- PS110 : 9~30VDC, 300mA@9VDC
- PS410 : 9~30VDC, 500mA@9VDC
- PS810 : 100~240VAC, 50/60Hz, 0.24A
Environmental
- Operating temperature : 0˚C to 50˚C
- Storage temperature : -20˚C to 66˚C
- Humidity : 90% Non-condensing
Physical properties
- PS110 : 114 x 82 x 26 (mm)
4.48 x 3.22 x 1.02 ( in.) / 300g
- PS410 : 119 x 227 x 27 (mm)
4.68 x 8.94 x 1.06 ( in.) / 750g
- PS810 : 119x 437 x 44 (mm)
4.69 x 17.20 x 1.73 ( in.) / 1.56kg
19" rack mountable
Certification
- FCC(A), CE, MIC
Warranty
- 5-year limited warranty
U.S. / Canada / South America
Tel : +1 (408) 573-7425 Fax: +1 (408) 907-3738
Toll Free (US/Canada): 1-8668-US-SENA (1-866-887-7362)
EU / Africa
Tel : +33 (0) 1 53 53 16 29 Fax: +33 (0) 1 70 24 70 90
Asia / Pacific
Tel : +82-2-571-8283 Fax: +82-2-573-7710
Contact us via E-mail
General Information : info@sena.com
Sales & Distribution : sales@sena.com
Technical Support : support@sena.com
Ordering Information
www.sena.com
Serial Device Server,
HelloDevice Pro Series,
PS110/410/810
PS110
HelloDevice Pro 110 single-port serial device server
PS410
HelloDevice Pro 410 4-port serial device server
PS810
HelloDevice Pro 810 8-port serial device server
Includes
- Quick Start Guide
- External 110V(or 230V) power supply or power cord
- Serial data cable
- CD-ROM
Optional Accessories
- DIN-Rail mount kit for the PS110/410
For more information, please visit us at http://www.sena.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com